전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7521LN 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 AD7521LN
상세설명  10-Bit, 12-Bit, Multiplying D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7521LN 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button AD7521LN Datasheet HTML 2Page - Intersil Corporation AD7521LN Datasheet HTML 3Page - Intersil Corporation AD7521LN Datasheet HTML 4Page - Intersil Corporation AD7521LN Datasheet HTML 5Page - Intersil Corporation AD7521LN Datasheet HTML 6Page - Intersil Corporation AD7521LN Datasheet HTML 7Page - Intersil Corporation AD7521LN Datasheet HTML 8Page - Intersil Corporation AD7521LN Datasheet HTML 9Page - Intersil Corporation AD7521LN Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
3. To decrease VOUT, connect a series resistor (0 to 250Ω)
between the reference voltage and the VREF terminal.
4. To increase VOUT, connect a series resistor (0 to 250Ω)
in the IOUT1 amplifier feedback loop.
Bipolar (Offset Binary) Operation
The circuit configuration for operating the AD7520 in the
bipolar mode is given in Figure 9. Similar circuits can be
used for AD7521. Using offset binary digital input codes
and positive and negative reference voltage values,
4-Quadrant multiplication can be realized. The “Digital
Input Code/Analog Output Value” table for bipolar mode is
given in Table 2.
A “Logic 1” input at any digital input forces the corresponding
ladder switch to steer the bit current to IOUT1 bus. A “Logic 0”
input forces the bit current to IOUT2 bus. For any code the
IOUT1 and IOUT2 bus currents are complements of one
another. The current amplifier at IOUT2 changes the polarity
of IOUT2 current and the transconductance amplifier at
IOUT1 output sums the two currents. This configuration
doubles the output range. The difference current resulting
at zero offset binary code, (MSB = “Logic 1”, all other
bits = “Logic 0”), is corrected by using an external resistor,
(10MW), from VREF to IOUT2 .
Offset Adjustment
1. Adjust VREF to approximately +10V.
2. Connect all digital inputs to “Logic 1”.
3. Adjust IOUT2 amplifier offset adjust trimpot for 0V ±1mV at
IOUT2 amplifier output.
4. Connect MSB (Bit 1) to “Logic 1” and all other bits to
“Logic 0”.
5. Adjust IOUT1 amplifier offset adjust trimpot for 0V ±1mV
at VOUT.
Gain Adjustment
1. Connect all digital inputs to V+.
2. Monitor VOUT for a -VREF (1-2-(N-1) volts reading. (N = 8 for
AD7520, and N = 10 for AD7521.).
3. To increase VOUT, connect a series resistor of up to 250Ω
between VOUT and RFEEDBACK.
4. To decrease VOUT, connect a series resister of up to 250Ω
between the reference voltage and the VREF terminal.
TABLE 2. BlPOLAR (OFFSET BINARY) CODE TABLE
DIGITAL INPUT
ANALOG OUTPUT
1111111111
-VREF (1-2-(N-1))
1000000001
-VREF (2-(N-1))
1000000000
0
0111111111
VREF (2-(N-1))
0000000001
VREF (1-2-(N-1))
0000000000
VREF
NOTES:
1. LSB = 2-(N-1) VREF.
2. N = 8 for 7520
N = 10 for 7521.
15
16
1
5
4
13 3
2
AD7520
BIT 1
BIT 10
14
+15V
VREF
IOUT2
6
-
+
RFEEDBACK
6
-
+
(MSB)
(LSB)
IOUT1
R1 10K
0.01%
R2 10K
0.01%
R3
10M
FIGURE 9. BIPOLAR OPERATION (4-QUADRANT
MULTIPLICATION)
AD7520, AD7521


유사한 부품 번호 - AD7521LN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
AD7521LN NSC-AD7521LN Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
logo
Intersil Corporation
AD7521LN INTERSIL-AD7521LN Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
logo
Analog Devices
AD7521LN AD-AD7521LN Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Intersil Corporation
AD7521LN INTERSIL-AD7521LN Datasheet
6Mb / 180P
   Data Acquisition
logo
Renesas Technology Corp
AD7521LN RENESAS-AD7521LN Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
More results

유사한 설명 - AD7521LN

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Analog Devices
AD7520 AD-AD7520 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7520 MAXIM-MX7520 Datasheet
294Kb / 8P
   CMOS 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
AD7520 AD-AD7520_15 Datasheet
3Mb / 12P
   CMOS 10 12 BIT MONOLITHIC MULTIPLYING D/A CONVERTERS
REV. B
logo
Maxim Integrated Produc...
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com