전자부품 데이터시트 검색엔진 |
|
1N4448W_ 데이터시트(PDF) 2 Page - Diodes Incorporated |
|
1N4448W_ 데이터시트(HTML) 2 Page - Diodes Incorporated |
2 / 3 page DS12002 Rev. 14 - 2 2 of 3 1N4448W www.diodes.com 10 100 1 0.1 0 1000 800 200 400 600 V , FORWARD VOLTAGE (mV) F Fig. 2 Typical Forward Characteristics Ta = -30 °C Ta = 50 °C Ta = 0 °C Ta = 85 °C Ta = 25 °C 0 25 50 75 100 125 150 T , AMBIENT TEMPERATURE ( °C) A Fig. 1 Power Derating Curve 0 200 400 500 100 300 0 4 6 8 2 10 I , FORWARD CURRENT (mA) F Fig. 4 Reverse Recovery Time vs. Forward Current 0 0.5 1.0 1.5 2.0 2.5 0.10 1.0 10.0 0.01 0.001 0 20 40 60 80 V , REVERSE VOLTAGE (V) R Fig. 3 Typical Reverse Characteristics Ta = 100 °C Ta = 0 °C Ta = 75 °C Ta = 50 °C Ta = 25 °C Ta = -30 °C 0 4 3 2 5 1 6 V , REVERSE VOLTAGE (V) R Fig. 5 Total Capacitance vs. Reverse Voltage 0 1 2 3 4 f = 1MHz |
유사한 부품 번호 - 1N4448W_ |
|
유사한 설명 - 1N4448W_ |