전자부품 데이터시트 검색엔진 |
|
SMAZ16-13-F 데이터시트(PDF) 2 Page - Diodes Incorporated |
|
SMAZ16-13-F 데이터시트(HTML) 2 Page - Diodes Incorporated |
2 / 4 page DS18015 Rev. 14 - 2 2 of 4 SMAZ5V1 - SMAZ39 www.diodes.com Electrical Characteristics @TA = 25°C unless otherwise noted Type Number (Note 4) Marking Code Zener Voltage Range (Note 3) Test Current Maximum Zener Impedance Maximum Reverse Current IZM Max (Note 1) VZ @IZT IZT ZZT @IZT ZZK @ IZK IR @VR Nom (V) Min (V) Max (V) mA WW mA µA V mA SMAZ5V1 ZHK 5.1 4.84 5.40 100 5.0 500 1.0 2.5 1.0 196 SMAZ5V6 ZHL 5.60 5.32 5.88 100 2.0 250 2.0 5.0 2.0 179 SMAZ6V2 ZHN 6.20 5.89 6.51 100 2.0 200 2.0 5.0 3.0 161 SMAZ6V8 ZHO 6.80 6.46 7.14 100 2.0 200 1.0 5.0 4.0 147 SMAZ7V5 ZHQ 7.50 7.13 7.88 100 2.0 450 1.0 5.0 5.0 133 SMAZ8V2 ZHR 8.20 7.79 8.61 100 2.0 200 1.0 5.0 6.0 122 SMAZ9V1 ZHT 9.10 8.65 9.56 50 4.0 200 1.0 5.0 7.0 110 SMAZ10 ZHU 10.00 9.50 10.50 50 4.0 200 1.0 1.0 7.6 100 SMAZ12 ZHW 12.00 11.40 12.60 50 7.0 150 1.0 1.0 9.1 83 SMAZ15 ZHZ 15.00 14.25 15.75 50 10 150 1.0 1.0 11.4 67 SMAZ16 ZJA 16.00 15.20 16.80 25 15 150 1.0 0.5 12.2 63 SMAZ18 ZJF 18.00 17.10 18.90 25 15 150 1.0 0.5 13.7 56 SMAZ20 ZJG 20.00 19.00 21.00 25 15 180 1.0 0.5 15.2 50 SMAZ22 ZJK 22.00 20.90 23.10 25 15 180 1.0 0.5 16.7 45 SMAZ24 ZJL 24.00 22.80 25.20 25 15 180 1.0 0.5 18.2 42 SMAZ27 ZJN 27.00 25.65 28.35 25 15 200 1.0 0.5 20.5 37 SMAZ30 ZJQ 30.00 28.50 31.50 25 15 250 1.0 0.5 22.8 33 SMAZ33 ZJR 33.00 31.35 34.65 25 15 300 1.0 0.5 25.1 30 SMAZ36 ZJS 36.00 34.20 37.80 10 40 350 1.0 0.5 27.4 28 SMAZ39 ZJT 39.00 37.05 40.95 10 40 450 1.0 0.5 29.6 26 Notes: 1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 3. Short duration test pulse used to minimize self-heating effect. 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. *x = Device Voltage, e.g., SMAZ5V1-13-F. Ordering Information Device* Packaging Shipping SMAZx-13-F SMA 5000/Tape & Reel XXX = Product type marking code, ex. ZHK = SMAZ5V1 = Manufacturers’ code marking YWW = Date code marking Y = Last digit of year ex: 2 for 2002 WW = Week code 01 to 52 YWW XXX Marking Information (Note 4) |
유사한 부품 번호 - SMAZ16-13-F |
|
유사한 설명 - SMAZ16-13-F |