전자부품 데이터시트 검색엔진 |
|
FML9 데이터시트(PDF) 1 Page - Rohm |
|
FML9 데이터시트(HTML) 1 Page - Rohm |
1 / 5 page FML9 Transistors Rev.A 1/4 General purpose transistor (isolated transistor and diode) FML9 A 2SB1689 and a RB461F are housed independently in a UMT package. Applications DC / DC converter Motor driver Features 1) Tr : Low VCE(sat) Di : Low VF 2) Small package Structure Silicon epitaxial planar transistor Schottky barrier diode Equivalent circuit Tr1 Di2 (5) (4) (3) (2) (1) Packaging specifications Type FML9 SMT5 L9 TR 3000 Package Marking Code Basic ordering unit(pieces) External dimensions (Unit : mm) FML9 ROHM : SMT5 EIAJ : SC-74A 0.3Min. 1.6 2.8 Each lead has same dimensions |
유사한 부품 번호 - FML9_1 |
|
유사한 설명 - FML9_1 |