전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC37C665GT 데이터시트(PDF) 9 Page - SMSC Corporation

부품명 FDC37C665GT
상세설명  High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C665GT 데이터시트(HTML) 9 Page - SMSC Corporation

Back Button FDC37C665GT Datasheet HTML 5Page - SMSC Corporation FDC37C665GT Datasheet HTML 6Page - SMSC Corporation FDC37C665GT Datasheet HTML 7Page - SMSC Corporation FDC37C665GT Datasheet HTML 8Page - SMSC Corporation FDC37C665GT Datasheet HTML 9Page - SMSC Corporation FDC37C665GT Datasheet HTML 10Page - SMSC Corporation FDC37C665GT Datasheet HTML 11Page - SMSC Corporation FDC37C665GT Datasheet HTML 12Page - SMSC Corporation FDC37C665GT Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 152 page
background image
9
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
Density Select
DENSEL
OD48
Indicates whether a low (250/300 Kb/s) or
high (500 Kb/s) data rate has been selected.
This is determined by the IDENT bit in
Configuration Register 3.
14
nWrite
Protected
nWRTPRT
IS
This active low Schmitt Trigger input senses
from the disk drive that a disk is write
protected. Any write command is ignored.
13
nTrack 00
nTR0
IS
This active low Schmitt Trigger input senses
from the disk drive that the head is
positioned over the outermost track.
12
nIndex
nINDEX
IS
This active low Schmitt Trigger input senses
from the disk drive that the head is
positioned over the beginning of a track, as
marked by an index hole.
19,18
19,18
Data Rate 0,
Data Rate 1
Media ID0,
Media ID1
DRATE0,
DRATE1
O24
I
These two outputs reflect bits 0 and 1
respectively of the Data Rate Register. At
power on, these two outputs are in a high
impedance state (refer to Table 50).
In Floppy Enhanced Mode 2 - These bits are
the Media ID 0,1 inputs. The value of these
bits can be read as bits 6 and 7 of the
Floppy Tape register.
SERIAL PORT INTERFACE
78,88
Receive Data
RXD1,
RXD2
I
Receiver serial data input.
79
Transmit Data
TXD1
PCF0
O4
I
Transmitter serial data output from Primary
Serial Port.
FDC37C666GT (Adapter Mode): Parallel
Port Configuration Control 0. During reset
active this input is read and latched to
define the address of the Parallel Port.


유사한 부품 번호 - FDC37C665GT

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
More results

유사한 설명 - FDC37C665GT

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
FDC37C665IR SMSC-FDC37C665IR Datasheet
562Kb / 162P
   3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
Fujitsu Component Limit...
MB4107A FUJITSU-MB4107A Datasheet
524Kb / 16P
   FLOPPY DISK VFO
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com