전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF2007 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 UF2007
상세설명  2.0A ULTRA-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UF2007 데이터시트(HTML) 2 Page - Diodes Incorporated

  UF2007 Datasheet HTML 1Page - Diodes Incorporated UF2007 Datasheet HTML 2Page - Diodes Incorporated UF2007 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS25007 Rev. 3 - 2
2 of 3
UF2001 - UF2007
www.diodes.com
0
0.4
0.8
1.2
1.6
2.0
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE ( C)
A
Fig. 1 Forward Current Derating Curve
°
Single phase half-wave
60 Hz resistive or inductive load
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig.2 Typical Forward Characteristics
UF2001 - UF2003
UF2005 - UF2007
UF2004
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
50V DC
Approx
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
110
100
V , REVERSE VOLTAGE (V)
R
Fig.4 Typical Junction Capacitance
T = 25 C
j
f = 1.0MHz
°


유사한 부품 번호 - UF2007

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
UF2007 DIODES-UF2007 Datasheet
62Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. A1-2
logo
HY ELECTRONIC CORP.
UF2007 HY-UF2007 Datasheet
413Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
logo
Compact Technology Corp...
UF2007 CTC-UF2007 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
UF2007 SAMYANG-UF2007 Datasheet
499Kb / 2P
   ULTRA FAST RECTIFIER
logo
Gulf Semiconductor
UF2007 GULFSEMI-UF2007 Datasheet
188Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
More results

유사한 설명 - UF2007

제조업체부품명데이터시트상세설명
logo
Shenzhen Yixinwei Techn...
UF2001 YIXIN-UF2001 Datasheet
209Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
logo
Gaomi Xinghe Electronic...
UF2001 GXELECTRONICS-UF2001 Datasheet
207Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
logo
Shenzhen Luguang Electr...
UF2001 LUGUANG-UF2001_17 Datasheet
1Mb / 2P
   2.0A Ultra-fast Rectifier
logo
Diodes Incorporated
UF2001 DIODES-UF2001 Datasheet
62Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. A1-2
UF2001 DIODES-UF2001_2 Datasheet
105Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 4 - 2
UF2001 DIODES-UF2001_15 Datasheet
105Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
logo
Shenzhen Luguang Electr...
UF2001 LUGUANG-UF2001 Datasheet
1Mb / 2P
   2.0A Ultra-fast Rectifier
logo
TAITRON Components Inco...
TUF201 TAITRON-TUF201 Datasheet
137Kb / 4P
   2.0A Ultra Fast Recovery Rectifier
logo
Gaomi Xinghe Electronic...
US2ABF GXELECTRONICS-US2ABF Datasheet
630Kb / 2P
   2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
US2JDF DIODES-US2JDF_15 Datasheet
499Kb / 5P
   2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com