전자부품 데이터시트 검색엔진 |
|
IRF640S 데이터시트(PDF) 7 Page - NXP Semiconductors |
|
IRF640S 데이터시트(HTML) 7 Page - NXP Semiconductors |
7 / 9 page Philips Semiconductors Product specification N-channel TrenchMOS ™ transistor IRF640, IRF640S MECHANICAL DATA Fig.15. SOT78 (TO220AB); pin 2 connected to mounting base (Net mass:2g) Notes 1. This product is supplied in anti-static packaging. The gate-source input must be protected against static discharge during transport or handling. 2. Refer to mounting instructions for SOT78 (TO220AB) package. 3. Epoxy meets UL94 V0 at 1/8". REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ SOT78 TO-220 D D1 q P L 12 3 L2 (1) b1 e e b 0 5 10 mm scale Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220 SOT78 DIMENSIONS (mm are the original dimensions) A E A1 c Note 1. Terminals in this zone are not tinned. Q L1 UNIT A1 b1 D1 e P mm 2.54 qQ A b D c L2 (1) max. 3.0 3.8 3.6 15.0 13.5 3.30 2.79 3.0 2.7 2.6 2.2 0.7 0.4 15.8 15.2 0.9 0.7 1.3 1.0 4.5 4.1 1.39 1.27 6.4 5.9 10.3 9.7 L1 E L 97-06-11 August 1999 7 Rev 1.100 |
유사한 부품 번호 - IRF640S |
|
유사한 설명 - IRF640S |