부품명
         상세내용
UPG2250T5N

 1.8 V, POWER AMPLIFIER FOR BluetoothTM Class 1 ( 12 Page)


CEL
100% 
Zoom Out Zoom In
 6 page
background image
Condition : f = 2 450 MHz, VDD1 = VDD2 = VDD3 = Vcont = 1.8 V, with external input and output matching circuits
510
15
20
0
–10
–20
–30
–40
–50
–60
–70
25
2ND HARMONICS vs. OUTPUT POWER
Output Power Pout (dBm)
Condition : VDD1 = VDD2 = VDD3 = Vcont = 1.8 V, with external input and output matching circuits
START 100.0 MHz
STOP 5.100 GHz
START 100.0 MHz
STOP 5.100 GHz
m7
m1: f = 2.450 GHz
S (1,1) = 0.207/–115.086
impedance = Z0 * (0.786 – j0.307)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
0.5
m7: f = 2.450 GHz
S (2,2) = 0.486/–164.104
impedance = Z0 * (0.352 – j0.123)
2.0 2.5 3.0
4.0
5.0
3.5
4.5
5.5
1.5
1.0
Frequency f (GHz)
S11-FREQUENCY
S22-FREQUENCY
S11, S22-FREQUENCY
S21-FREQUENCY
m1
m5: f = 2.450 GHz
dB (S (1,2)) = –54.402
40
30
20
10
0
–10
–20
–30
–40
0
0.5
2.0 2.5 3.0
4.0
5.0
3.5
4.5
5.5
1.5
1.0
Frequency f (GHz)
m3: f = 2.450 GHz
dB (S (2,1)) = 30.921
m5
m3
Remark The graphs indicate nominal characteristics.
Data Sheet PG10639EJ01V0DS
6
µPG2250T5N
1  2  3  4  5  6  7  8  9  10  11  12 



관련 부품명

부품명상세내용Html View제조사
IRM046U2.4 / 5GHz ISM Power Amplifier MMIC for W-LAN 1 Sharp Electrionic Components
SDM-09060-B1F925-960 MHz Class AB 65W Power Amplifier Module 1 2 3 4 5 SIRENZA MICRODEVICES
NCP4894_071.8 Watt Differential Audio Power Amplifier with Selectable Shutdown 1 2 3 4 5 MoreON Semiconductor
SDM-09120925-960 MHz Class AB 130W Power Amplifier Module 1 2 3 4 5 SIRENZA MICRODEVICES
SKY77331Power Amplifier Module with Integrated Coupler for Quad-Band GSM / EDGE 1 2 Skyworks Solutions Inc.
NCP48941.8 Watt Differential Audio Power Amplifier with Selectable Shutdown 1 2 3 4 5 MoreON Semiconductor
LA4227Audio Output for Radio Cassette Recorders 3W × 2ch Power Amplifier 1 2 3 4 Sanyo Semicon Device
CA3102_05Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz 1 2 3 4 5 MoreIntersil Corporation
FMA3016-QFN3.5GHz High Power Amplifier for WiMAX applications 1 2 3 4 5 MoreFiltronic Compound Semiconductors
SDM-08060869-894 MHz Class AB 60W Power Amplifier Module 1 2 3 SIRENZA MICRODEVICES