전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFZ44NS 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 IRFZ44NS
상세설명  N-channel enhancement mode TrenchMOS transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRFZ44NS 데이터시트(HTML) 7 Page - NXP Semiconductors

  IRFZ44NS Datasheet HTML 1Page - NXP Semiconductors IRFZ44NS Datasheet HTML 2Page - NXP Semiconductors IRFZ44NS Datasheet HTML 3Page - NXP Semiconductors IRFZ44NS Datasheet HTML 4Page - NXP Semiconductors IRFZ44NS Datasheet HTML 5Page - NXP Semiconductors IRFZ44NS Datasheet HTML 6Page - NXP Semiconductors IRFZ44NS Datasheet HTML 7Page - NXP Semiconductors IRFZ44NS Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Philips Semiconductors
Product specification
N-channel enhancement mode
IRFZ44NS
TrenchMOS
TM transistor
MECHANICAL DATA
Fig.18. SOT404 surface mounting package. Centre pin connected to mounting base.
Notes
1. This product is supplied in anti-static packaging. The gate-source input must be protected against static
discharge during transport or handling.
2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18.
3. Epoxy meets UL94 V0 at 1/8".
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
A1
D1
D
E
eLp
HD
Q
c
2.54
2.60
2.20
15.4
14.8
2.9
2.1
9.65
8.65
1.6
1.2
10.3
9.7
4.5
4.1
1.40
1.27
0.85
0.60
0.64
0.46
b
DIMENSIONS (mm are the original dimensions)
SOT404
97-06-16
0
2.5
5 mm
scale
Plastic single-ended package (Philips version of D2-PAK); 2 leads
SOT404
e
e
E
b
D1
HD
D
Q
Lp
c
A1
A
February 1999
7
Rev 1.000


유사한 부품 번호 - IRFZ44NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFZ44NS IRF-IRFZ44NS Datasheet
151Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A)
logo
Kersemi Electronic Co.,...
IRFZ44NS KERSEMI-IRFZ44NS Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRFZ44NS ISC-IRFZ44NS Datasheet
243Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Tiger Electronic Co.,Lt...
IRFZ44NS TGS-IRFZ44NS Datasheet
117Kb / 1P
   55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFZ44NS UMW-IRFZ44NS Datasheet
842Kb / 7P
   60V N-Channel MOSFET
More results

유사한 설명 - IRFZ44NS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
IRFZ24N PHILIPS-IRFZ24N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44N PHILIPS-IRFZ44N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
BSP100 PHILIPS-BSP100 Datasheet
111Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ48N PHILIPS-IRFZ48N Datasheet
65Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
PHN203 PHILIPS-PHN203 Datasheet
98Kb / 7P
   Dual N-channel enhancement mode TrenchMOS transistor
January 1999 Rev 1.000
PHN210 PHILIPS-PHN210 Datasheet
109Kb / 7P
   Dual N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
PHN70308 PHILIPS-PHN70308 Datasheet
172Kb / 10P
   N-channel enhancement mode TrenchMOS transistor array
May 1999 Rev 1.000
IRLZ34N PHILIPS-IRLZ34N Datasheet
62Kb / 7P
   N-channel enhancement mode Logic level TrenchMOS transistor
February 1999 Rev 1.000
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
2N7085 SEME-LAB-2N7085 Datasheet
16Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com