전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD590JH 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 AD590JH
상세설명  2-Wire, Current Output Temperature Transducer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD590JH 데이터시트(HTML) 4 Page - Intersil Corporation

  AD590JH Datasheet HTML 1Page - Intersil Corporation AD590JH Datasheet HTML 2Page - Intersil Corporation AD590JH Datasheet HTML 3Page - Intersil Corporation AD590JH Datasheet HTML 4Page - Intersil Corporation AD590JH Datasheet HTML 5Page - Intersil Corporation AD590JH Datasheet HTML 6Page - Intersil Corporation AD590JH Datasheet HTML 7Page - Intersil Corporation AD590JH Datasheet HTML 8Page - Intersil Corporation AD590JH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Accuracy
Maximum errors over limited temperature spans, with
VS = +5V, are listed by device grade in the following tables.
The tables reflect the worst-case linearities, which invariably
occur at the extremities of the specified temperature range.
The trimming conditions for the data in the tables are shown
in Figure 2 and Figure 4.
All errors listed in the tables are
±oC. For example, if ±1oC
maximum error is required over the 25oC to 75oC range (i.e.,
lowest temperature of 25oC and span of 50oC), then the
trimming of a J-grade device, using the single-trim circuit
(Figure 2), will result in output having the required accuracy
over the stated range. An I-grade device with two trims
(Figure 4) will have less than
±0.2oC error. If the requirement
is for less than
±1.4oC maximum error, from -25oC to 75oC
(100oC span from -25oC), it can be satisfied by an I-grade
device with two trims.
FIGURE 5D. TRIM THREE: OFFSET AGAIN
FIGURE 5. EFFECT OF SLOPE AND OFFSET TRIMMING
I Grade Maximum Errors (oC)
NUMBER OF
TRIMS
TEMPERATURE
SPAN (oC)
LOWEST TEMPERATURE IN SPAN (×oC)
-55
-25
0
255075
100
125
None
10
8.4
9.2
10.0
10.8
11.6
12.4
13.2
14.4
None
25
10.0
10.4
11.0
11.8
12.0
13.8
15.0
16.0
None
50
13.0
13.0
12.8
13.8
14.6
16.4
18.0
-
None
100
15.2
16.0
16.6
17.4
18.8
-
-
-
None
150
18.4
19.0
19.2
-----
None
205
20.0
-------
One
10
0.6
0.4
0.4
0.4
0.4
0.4
0.4
0.6
One
25
1.8
1.2
1.0
1.0
1.0
1.2
1.6
1.8
One
50
3.8
3.0
2.0
2.0
2.0
3.0
3.8
-
One
100
4.8
4.5
4.2
4.2
5.0
-
-
-
One
150
5.5
4.8
5.5
-----
One
205
5.8
-------
Two
10
0.3
0.2
0.1
(Note 9)
(Note 9)
0.1
0.2
0.3
Two
25
0.5
0.3
0.2
(Note 9)
0.1
0.2
0.3
0.5
Two
50
1.2
0.6
0.4
0.2
0.2
0.3
0.7
-
Two
100
1.8
1.4
1.0
2.0
2.5
-
-
-
Two
150
2.6
2.0
2.8
-----
Two
205
3.0
-------
NOTE:
9. Less than
±0.05oC.
AD590


유사한 부품 번호 - AD590JH

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Intersil Corporation
AD590JH INTERSIL-AD590JH Datasheet
95Kb / 10P
   2-Wire, Current Output Temperature Transducer
August 1997
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD590JH AD-AD590JH Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590JH AD-AD590JH Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

유사한 설명 - AD590JH

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
AD590 RENESAS-AD590 Datasheet
631Kb / 10P
   2-Wire, Current Output Temperature Transducer
January 2002
logo
Intersil Corporation
AD590 INTERSIL-AD590 Datasheet
95Kb / 10P
   2-Wire, Current Output Temperature Transducer
August 1997
logo
Analog Devices
TMP17 AD-TMP17 Datasheet
317Kb / 8P
   Low Cost, Current Output Temperature Transducer
REV. 0
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
   Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
   Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com