부품명
         상세내용
ICL7662

 CMOS Voltage Converter ( 10 Page)


INTERSIL
100% 
Zoom Out Zoom In
 
 6 page
background image
6
Circuit Description
The ICL7662 contains all the necessary circuitry to complete
a negative voltage converter, with the exception of 2 external
capacitors which may be inexpensive 10
µF polarized
electrolytic capacitors. The mode of operation of the device
may be best understood by considering Figure 15, which
shows an idealized negative voltage converter. Capacitor C1
is charged to a voltage, V+, for the half cycle when switches
S1 and S3 are closed. (Note: Switches S2 and S4 are open
during this half cycle.) During the second half cycle of
operation, switches S2 and S4 are closed, with S1 and S3
open, thereby shifting capacitor C1 negatively by V+ volts.
Charge is then transferred from C1 to C2 such that the
voltage on C2 is exactly V+, assuming ideal switches and no
load on C2. The lCL7662 approaches this ideal situation
more closely than existing non-mechanical circuits.
In the lCL7662, the 4 switches of Figure 15 are MOS power
switches; S1 is a P-Channel device and S2, S3 and S4 are
N-Channel devices. The main difficulty with this approach is
that in integrating the switches, the substrates of S3 and S4
must always remain reverse biased with respect to their
sources, but not so much as to degrade their “ON”
resistances. In addition, at circuit startup, and under output
short circuit conditions (VOUT = V+), the output voltage must
be sensed and the substrate bias adjusted accordingly.
Failure to accomplish this would result in high power losses
and probable device latchup.
This problem is eliminated in the ICL7662 by a logic network
which senses the output voltage (VOUT) together with the
level translators, and switches the substrates of S3 and S4 to
the correct level to maintain necessary reverse bias.
The voltage regulator portion of the ICL7662 is an integral part
of the anti-latchup circuitry, however its inherent voltage drop
can degrade operation at low voltages. Therefore, to improve
low voltage operation the “LV” pin should be connected to
GROUND, disabling the regulator. For supply voltages
greater than 10V the LV terminal must be left open to insure
latchup proof operation, and prevent device damage.
FIGURE 13. SUPPLY CURRENT AS A FUNCTION OF
OSCILLATOR FREQUENCY
NOTE:
4. These curves include in the supply current that current fed directly into the load RL from the V+ (See Figure 14). Thus, approximately half the
supply current goes directly to the positive side of the load, and the other half, through the ICL7662, to the negative side of the load. Ideally,
VOUT ∼ 2VIN, IS ∼ 2IL, so VIN x IS ∼ VOUT x IL.
Typical Performance Curves (See Figure 14, Test Circuit) (Continued)
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
10
100
1K
10K
OSCILLATOR FREQUENCY (Hz)
1
2
3
4
8
7
6
5
+
-
C1
(+5V)
IL
RL
-VOUT
C2
10
µF
ICL7662
COSC
+
-
IS V+
(NOTE)
NOTE: For large value of COSC (> 1000pF) the values of C1 and C2
should be increased to 100
µF.
FIGURE 14. ICL7662 TEST CIRCUIT
ICL7662
1  2  3  4  5  6  7  8  9  10 



관련 부품명

부품명상세내용Html View제조사
MAS7838SYNCHRONOUS TO ASYNCHRONOUS CONVERTER SAC CMOS 1 2 3 4 5 MoreMicro Analog systems
NCP15223.0 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
RE46C107DC to DC Converter Voltage Regulator and Piezoelectric Horn Driver 1 2 3 4 5 MoreR & E International, Inc.
MB3883_026-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down 1 2 3 4 5 MoreFujitsu Component Limited.
IC62LV12816DL128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
ADG736LCMOS Low Voltage 2.5 OHM Dual SPDT Switch 1 2 3 4 5 MoreAnalog Devices
MC14433CMOS LSI LOW-POWER COMPLEMENTARY MOS 3 1/2 DIGIT A/D CONVERTER 1 2 3 4 5 MoreMotorola, Inc
CAT15008Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
RE46C109Voltage Regulator Voltage Converter and Piezoelectric Horn Driver 1 2 3 4 5 MoreR & E International, Inc.

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl