전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HFA1105 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 HFA1105
상세설명  330MHz, Low Power, Current Feedback Video Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1105 데이터시트(HTML) 3 Page - Intersil Corporation

  HFA1105_06 Datasheet HTML 1Page - Intersil Corporation HFA1105_06 Datasheet HTML 2Page - Intersil Corporation HFA1105_06 Datasheet HTML 3Page - Intersil Corporation HFA1105_06 Datasheet HTML 4Page - Intersil Corporation HFA1105_06 Datasheet HTML 5Page - Intersil Corporation HFA1105_06 Datasheet HTML 6Page - Intersil Corporation HFA1105_06 Datasheet HTML 7Page - Intersil Corporation HFA1105_06 Datasheet HTML 8Page - Intersil Corporation HFA1105_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN3395.8
June 6, 2006
Inverting Input Resistance
C
25
-
60
-
Input Capacitance
C
25
-
1.6
-
pF
Input Voltage Common Mode Range
(Implied by VIO CMRR, +RIN, and -IBIAS CMS Tests)
A
25, 85
±1.8
±2.4
-
V
A-40
±1.2
±1.7
-
V
Input Noise Voltage Density (Note 8)
f = 100kHz
B
25
-
3.5
-
nV/
√Hz
Non-Inverting Input Noise Current Density (Note 8)
f = 100kHz
B
25
-
2.5
-
pA/
√Hz
Inverting Input Noise Current Density (Note 8)
f = 100kHz
B
25
-
20
-
pA/
√Hz
TRANSFER CHARACTERISTICS
Open Loop Transimpedance Gain
AV = -1
C
25
-
500
-
k
AC CHARACTERISTICS
RF = 510Ω, Unless Otherwise Specified
-3dB Bandwidth
(VOUT = 0.2VP-P, Note 8)
AV = +1, +RS = 510Ω
B
25
-
270
-
MHz
B
Full
-
240
-
MHz
AV = -1, RF = 425Ω
B
25
-
300
-
MHz
AV = +2
B
25
-
330
-
MHz
B
Full
-
260
-
MHz
AV = +10, RF = 180Ω
B
25
-
130
-
MHz
B
Full
-
90
-
MHz
Full Power Bandwidth
(VOUT = 5VP-P at AV = +2/-1,
4VP-P at AV = +1, Note 8)
AV = +1, +RS = 510Ω
B
25
-
135
-
MHz
AV = -1
B
25
-
140
-
MHz
AV = +2
B
25
-
115
-
MHz
Gain Flatness
(AV = +2, VOUT = 0.2VP-P, Note 8)
To 25MHz
B
25
-
±0.03
-
dB
BFull
-
±0.04
-
dB
To 75MHz
B
25
-
±0.11
-
dB
BFull
-
±0.22
-
dB
Gain Flatness
(AV = +1, +RS = 510Ω, VOUT = 0.2VP-P, Note 8)
To 25MHz
B
25
-
±0.03
-
dB
To 75MHz
B
25
-
±0.09
-
dB
Minimum Stable gain
A
Full
-
1
-
V/V
OUTPUT CHARACTERISTICS
AV = +2, RF = 510Ω, Unless Otherwise Specified
Output Voltage Swing (Note 8)
AV = -1, RL = 100Ω
A25
±3
±3.4
-
V
AFull
±2.8
±3-
V
Output Current (Note 8)
AV = -1, RL = 50Ω
A
25, 85
50
60
-
mA
A
-40
28
42
-
mA
Output Short Circuit Current
B
25
-
90
-
mA
Closed Loop Output Impedance (Note 8)
DC
B
25
-
0.08
-
W
Second Harmonic Distortion
(VOUT = 2VP-P, Note 8)
10MHz
B
25
-
-48
-
dBc
20MHz
B
25
-
-44
-
dBc
Third Harmonic Distortion
(VOUT = 2VP-P, Note 8)
10MHz
B
25
-
-50
-
dBc
20MHz
B
25
-
-45
-
dBc
Reverse Isolation (S12, Note 8)
30MHz
B
25
-
-55
-
dB
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 510W, RL = 100W, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 5)
TEST
LEVEL
TEMP.
(°C)
MIN
TYP
MAX
UNITS
HFA1105


유사한 부품 번호 - HFA1105_06

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HFA1105EVAL INTERSIL-HFA1105EVAL Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105IB INTERSIL-HFA1105IB Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105IB RENESAS-HFA1105IB Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1105IB96 INTERSIL-HFA1105IB96 Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
More results

유사한 설명 - HFA1105_06

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HFA1105 INTERSIL-HFA1105 Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105 RENESAS-HFA1105 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_07 Datasheet
225Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109 INTERSIL-HFA1109 Datasheet
107Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
logo
Renesas Technology Corp
HFA1109 RENESAS-HFA1109 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_04 Datasheet
288Kb / 11P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com