전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HFA1105 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 HFA1105
상세설명  330MHz, Low Power, Current Feedback Video Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1105 데이터시트(HTML) 5 Page - Intersil Corporation

  HFA1105_06 Datasheet HTML 1Page - Intersil Corporation HFA1105_06 Datasheet HTML 2Page - Intersil Corporation HFA1105_06 Datasheet HTML 3Page - Intersil Corporation HFA1105_06 Datasheet HTML 4Page - Intersil Corporation HFA1105_06 Datasheet HTML 5Page - Intersil Corporation HFA1105_06 Datasheet HTML 6Page - Intersil Corporation HFA1105_06 Datasheet HTML 7Page - Intersil Corporation HFA1105_06 Datasheet HTML 8Page - Intersil Corporation HFA1105_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN3395.8
June 6, 2006
Application Information
Optimum Feedback Resistor
Although a current feedback amplifier’s bandwidth
dependency on closed loop gain isn’t as severe as that of a
voltage feedback amplifier, there can be an appreciable
decrease in bandwidth at higher gains. This decrease may
be minimized by taking advantage of the current feedback
amplifier’s unique relationship between bandwidth and RF.
All current feedback amplifiers require a feedback resistor,
even for unity gain applications, and RF, in conjunction with
the internal compensation capacitor, sets the dominant pole
of the frequency response. Thus, the amplifier’s bandwidth is
inversely proportional to RF. The HFA1105 design is
optimized for RF = 510Ω at a gain of +2. Decreasing RF
decreases stability, resulting in excessive peaking and
overshoot (Note: Capacitive feedback will cause the same
problems due to the feedback impedance decrease at higher
frequencies). At higher gains, however, the amplifier is more
stable so RF can be decreased in a trade-off of stability for
bandwidth.
The table below lists recommended RF values for various
gains, and the expected bandwidth. For a gain of +1, a
resistor (+RS) in series with +IN is required to reduce gain
peaking and increase stability.
Non-Inverting Input Source Impedance
For best operation, the DC source impedance seen by the
non-inverting input should be
≥50Ω. This is especially
important in inverting gain configurations where the non-
inverting input would normally be connected directly to GND.
Pulse Undershoot and Asymmetrical Slew Rates
The HFA1105 utilizes a quasi-complementary output stage to
achieve high output current while minimizing quiescent supply
current. In this approach, a composite device replaces the
traditional PNP pulldown transistor. The composite device
switches modes after crossing 0V, resulting in added
distortion for signals swinging below ground, and an
increased undershoot on the negative portion of the output
waveform (See Figures 5, 8, and 11). This undershoot isn’t
present for small bipolar signals, or large positive signals.
Another artifact of the composite device is asymmetrical slew
rates for output signals with a negative voltage component.
The slew rate degrades as the output signal crosses through
0V (See Figures 5, 8, and 11), resulting in a slower overall
negative slew rate. Positive only signals have symmetrical
slew rates as illustrated in the large signal positive pulse
response graphs (See Figures 4, 7, and 10).
PC Board Layout
The amplifier’s frequency response depends greatly on the
care taken in designing the PC board. The use of low
inductance components such as chip resistors and chip
capacitors is strongly recommended, while a solid
ground plane is a must!
Attention should be given to decoupling the power supplies.
A large value (10
µF) tantalum in parallel with a small value
(0.1
µF) chip capacitor works well in most cases.
Terminated microstrip signal lines are recommended at the
device’s input and output connections. Capacitance,
parasitic or planned, connected to the output must be
minimized, or isolated as discussed in the next section.
Care must also be taken to minimize the capacitance to
ground at the amplifier’s inverting input (-IN), as this
capacitance causes gain peaking, pulse overshoot, and if
large enough, instability. To reduce this capacitance, the
designer should remove the ground plane under traces
connected to
-IN, and keep connections to -IN as short as possible.
An example of a good high frequency layout is the
Evaluation Board shown in Figure 2.
Driving Capacitive Loads
Capacitive loads, such as an A/D input, or an improperly
terminated transmission line will degrade the amplifier’s
phase margin resulting in frequency response peaking and
possible oscillations. In most cases, the oscillation can be
avoided by placing a resistor (RS) in series with the output
prior to the capacitance.
Figure 1 details starting points for the selection of this
resistor. The points on the curve indicate the RS and CL
combinations for the optimum bandwidth, stability, and
settling time, but experimental fine tuning is recommended.
Picking a point above or to the right of the curve yields an
overdamped response, while points below or left of the curve
indicate areas of underdamped performance.
RS and CL form a low pass network at the output, thus limiting
system bandwidth well below the amplifier bandwidth of
270MHz (for AV = +1). By decreasing RS as CL increases (as
illustrated in the curves), the maximum bandwidth is obtained
without sacrificing stability. In spite of this, the bandwidth
decreases as the load capacitance increases. For example, at
AV = +1, RS = 62Ω, CL = 40pF, the overall bandwidth is limited
to 180MHz, and bandwidth drops to 75MHz at AV = +1,
RS =8Ω, CL = 400pF.
GAIN
(ACL)RF (Ω)
BANDWIDTH
(MHz)
-1
425
300
+1
510 (+RS = 510Ω)
270
+2
510
330
+5
200
300
+10
180
130
HFA1105


유사한 부품 번호 - HFA1105_06

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HFA1105EVAL INTERSIL-HFA1105EVAL Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105IB INTERSIL-HFA1105IB Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105IB RENESAS-HFA1105IB Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1105IB96 INTERSIL-HFA1105IB96 Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
More results

유사한 설명 - HFA1105_06

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HFA1105 INTERSIL-HFA1105 Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105 RENESAS-HFA1105 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_07 Datasheet
225Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109 INTERSIL-HFA1109 Datasheet
107Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
logo
Renesas Technology Corp
HFA1109 RENESAS-HFA1109 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_04 Datasheet
288Kb / 11P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com