전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZY7120LG-T1 데이터시트(PDF) 9 Page - Power-One

부품명 ZY7120LG-T1
상세설명  20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWER-ONE [Power-One]
홈페이지  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7120LG-T1 데이터시트(HTML) 9 Page - Power-One

Back Button ZY7120LG-T1 Datasheet HTML 5Page - Power-One ZY7120LG-T1 Datasheet HTML 6Page - Power-One ZY7120LG-T1 Datasheet HTML 7Page - Power-One ZY7120LG-T1 Datasheet HTML 8Page - Power-One ZY7120LG-T1 Datasheet HTML 9Page - Power-One ZY7120LG-T1 Datasheet HTML 10Page - Power-One ZY7120LG-T1 Datasheet HTML 11Page - Power-One ZY7120LG-T1 Datasheet HTML 12Page - Power-One ZY7120LG-T1 Datasheet HTML 13Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ZY7120 20A DC-DC Intelligent POL Data Sheet
3V to 13.2V Input 0.5V to 5.5V Output
60
65
70
75
80
85
90
95
3456
7
8
9
10
11
12
Input Voltage, V
Vout=0.5V
Vout=1.2V
Vout=2.5V
Figure 6. Efficiency vs. Input Voltage. Iout=20A, Fsw=500kHz
89
90
91
92
93
94
95
96
0
2
4
6
8
10
12
14
16
18
20
Output Current, A
Fsw=500kHz
Fsw=750kHz
Fsw=1,000kHz
Figure 7. Efficiency vs. Load. Vin=3.3V, Vout=2.5V
78
79
80
81
82
83
84
85
86
87
88
89
90
0
2
4
6
8
101214
16
1820
Output Current, A
Fsw=500kHz
Fsw=750kHz
Fsw=1,000kHz
Figure 8. Efficiency vs. Load. Vin=5V, Vout=1.2V
82
83
84
85
86
87
88
89
90
91
92
93
94
02
46
8
10
12
14
16
18
20
Output Current, A
Fsw=500kHz
Fsw=750kHz
Fsw=1,000kHz
Figure 9. Efficiency vs. Load. Vin=12V, Vout=5V
REV. 2.1 MAR 14, 2007
www.power-one.com
Page 9 of 34


유사한 부품 번호 - ZY7120LG-T1

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
ZY7.5 DIOTEC-ZY7.5 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
Continental Device Indi...
ZY7.5 CDIL-ZY7.5 Datasheet
80Kb / 3P
   SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
EIC discrete Semiconduc...
ZY7.5 EIC-ZY7.5 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
ZY7.5 VISHAY-ZY7.5 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZY7.5 DIOTEC-ZY7.5 Datasheet
90Kb / 2P
   Silicon-Power-Zener Diodes
More results

유사한 설명 - ZY7120LG-T1

제조업체부품명데이터시트상세설명
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
YEV09T06 POWER-ONE-YEV09T06 Datasheet
305Kb / 12P
   6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T10 POWER-ONE-YEV09T10 Datasheet
270Kb / 12P
   10A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T03 POWER-ONE-YEV09T03 Datasheet
318Kb / 10P
   3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
Y5117P POWER-ONE-Y5117P Datasheet
1Mb / 14P
   3.0V to 13.2V Input 0.7V to 3.63V Output
logo
Rohm
BD95602MUV-LB ROHM-BD95602MUV-LB Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
30.May.2017 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com