전자부품 데이터시트 검색엔진 |
|
SM1612C-T13 데이터시트(PDF) 4 Page - Protek Devices |
|
SM1612C-T13 데이터시트(HTML) 4 Page - Protek Devices |
4 / 4 page SM1603 thru SM1624C 4 05147.R6 2/07 www.protekdevices.com SO-16 PACKAGE OUTLINE & DIMENSIONS COPYRIGHT © ProTek Devices 2007 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer ’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products. ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com Outline & Dimensions: Rev 1 - 11/01, 06007 TAPE & REEL/BULK ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix-T7 = 7 Inch Reel - 1,000 pieces per 16mm tape, i.e. SM1605-T7. 3. Suffix-T13 = 13 Inch Reel - 2,500 pieces per 16mm tape, i.e. SM1605-T13. 4. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e. SM1605-LF-T7. 5. No Suffix = Product Shipped in Tubes of 37 pcs per Tube. A B C D F G J K P R 9.80 3.80 1.35 0.35 0.40 1.27 BSC 0.19 0.10 5.80 0.25 10.00 4.00 1.75 0.49 1.25 1.27 BSC 0.25 0.25 6.20 0.50 0.386 0.150 0.054 0.014 0.016 0.05 BSC 0.008 0.004 0.229 0.010 0.393 0.157 0.068 0.019 0.049 0.05 BSC 0.009 0.009 0.244 0.019 DIM MIN MAX MIN MAX MILLIMETERS INCHES PACKAGE DIMENSIONS NOTES 1. - T - = Seating Plane and Datum Surface. 2. Dimensions “A” and “B” are Datum. 3. Dimensions “A” and “B” do not include mold protrusion. 4. Maximum mold protrusion is 0.015” (0.380 mm) per side. 5. Dimensioning and tolerances per ANSI Y14.5M, 1982. 6. Dimensions are exclusive of mold flash and metal burrs. PACKAGE OUTLINE SO-16 MOUNTING PAD M -A- -B- P D G -T- K C J R X 45º F 0.010” (0.25 MM) M B M 8 PL 0.010” (0.25 MM) S B M 16 PL T A S 16 9 8 1 0º - 7º 0.050” TYP 0.030” ± 0.005” 0.245” MIN 0.160” ± 0.005” 0.045” ± 0.005” |
유사한 부품 번호 - SM1612C-T13 |
|
유사한 설명 - SM1612C-T13 |