전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSMF05LCC 데이터시트(PDF) 4 Page - Protek Devices

부품명 VSMF05LCC
상세설명  LOW CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

VSMF05LCC 데이터시트(HTML) 4 Page - Protek Devices

  VSMF05LCC Datasheet HTML 1Page - Protek Devices VSMF05LCC Datasheet HTML 2Page - Protek Devices VSMF05LCC Datasheet HTML 3Page - Protek Devices VSMF05LCC Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
05258.R1 11/06
www.protekdevices.com
VSMF05LCC
SOT-963 PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2006
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is
the buyer ’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such
products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
TAPE & REEL/BULK ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA-481.
2. Suffix -T7 = 7 Inch Reel - 3,000 pieces per 8mm tape,
i.e.,
VSMF05LCC-P-T7.
3. Suffix -T13 = 13 Inch Reel - 10,000 pieces per 8mm tape,
i.e.,
VSMF05LCC-P-T13.
4. Suffix - P = Lead-Free, Nickel-Paladium-Gold Plating,
i.e.,
VSMF05LCC-P.
Outline & Dimensions: Rev 0 - 9/06, 06070
A
B
C
D
G
J
K
S
0.95
0.75
0.40
0.10
0.35
0.05
0.05
0.95
1.05
0.85
0.50
0.20
0.40
0.15
0.15
1.05
0.037
0.028
0.016
0.004
0.014
0.002
0.002
0.037
0.041
0.034
0.020
0.008
0.016
0.006
0.006
0.041
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES
1. Dimensioning and tolerances per ANSI Y14.5M, 1985.
2. Controlling Dimension: Inches
3. Pin 3 is the cathode (Unidirectional Only).
4. Dimensions are exclusive of mold flash and metal burrs.
PACKAGE OUTLINE
SOT-963
MOUNTING PAD
0.008
0.028
0.014
0.035
0.008
1
2
3
4
5
0.20
0.70
0.35
0.90
0.20
DIM Millimeters Inches
TYPICAL
A
65
4
12
3
G
D
B
C
K
S
J
Top cover tape
K0
t
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Pin 1
Indicated
by Dot
Tape & Reel Specifications (Dimensions in millimeters)
D
E
P0
tmax
FP2
W
1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ±0.30 4.00 ±0.10 2.00 ±0.05
P
4.00 ±0.10
0.25
A0
B0
K0
Reel Dia.
Tape Width
178mm (7”)
8mm
1.17 ± 0.05 1.17 ± 0.05 0.66 ± 0.05


유사한 부품 번호 - VSMF05LCC

제조업체부품명데이터시트상세설명
logo
Protek Devices
VSMF05LCC PROTEC-VSMF05LCC Datasheet
518Kb / 6P
   multi-line low capacitance tvs array
VSMF05LCC PROTEC-VSMF05LCC_11 Datasheet
518Kb / 6P
   multi-line low capacitance tvs array
VSMF05LCC PROTEC-VSMF05LCC_12 Datasheet
521Kb / 6P
   MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results

유사한 설명 - VSMF05LCC

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com