전자부품 데이터시트 검색엔진 |
|
AM29LV800BB-120EF 데이터시트(PDF) 15 Page - Advanced Micro Devices |
|
AM29LV800BB-120EF 데이터시트(HTML) 15 Page - Advanced Micro Devices |
15 / 49 page Am29LV800B 13 When the OE# input is at VIH, output from the device is disabled. The output pins are placed in the high impedance state. Table 2. Am29LV800BT Top Boot Block Sector Addresses Table 3. Am29LV800BB Bottom Boot Block Sector Addresses Note for Tables 2 and 3: Address range is A18:A-1 in byte mode and A18:A0 in word mode. See “Word/Byte Configuration” section. Sector A18 A17 A16 A15 A14 A13 A12 Sector Size (Kbytes/ Kwords) Address Range (in hexadecimal) (x8) Address Range (x16) Address Range SA0 0 0 0 0 X X X 64/32 00000h–0FFFFh 00000h–07FFFh SA1 0 0 0 1 X X X 64/32 10000h–1FFFFh 08000h–0FFFFh SA2 0 0 1 0 X X X 64/32 20000h–2FFFFh 10000h–17FFFh SA3 0 0 1 1 X X X 64/32 30000h–3FFFFh 18000h–1FFFFh SA4 0 1 0 0 X X X 64/32 40000h–4FFFFh 20000h–27FFFh SA5 0 1 0 1 X X X 64/32 50000h–5FFFFh 28000h–2FFFFh SA6 0 1 1 0 X X X 64/32 60000h–6FFFFh 30000h–37FFFh SA7 0 1 1 1 X X X 64/32 70000h–7FFFFh 38000h–3FFFFh SA8 1 0 0 0 X X X 64/32 80000h–8FFFFh 40000h–47FFFh SA9 1 0 0 1 X X X 64/32 90000h–9FFFFh 48000h–4FFFFh SA10 1 0 1 0 X X X 64/32 A0000h–AFFFFh 50000h–57FFFh SA11 1 0 1 1 X X X 64/32 B0000h–BFFFFh 58000h–5FFFFh SA12 1 1 0 0 X X X 64/32 C0000h–CFFFFh 60000h–67FFFh SA13 1 1 0 1 X X X 64/32 D0000h–DFFFFh 68000h–6FFFFh SA14 1 1 1 0 X X X 64/32 E0000h–EFFFFh 70000h–77FFFh SA15 1 1 1 1 0 X X 32/16 F0000h–F7FFFh 78000h–7BFFFh SA16 1 1 1 1 1 0 0 8/4 F8000h–F9FFFh 7C000h–7CFFFh SA17 1 1 1 1 1 0 1 8/4 FA000h–FBFFFh 7D000h–7DFFFh SA18 1 1 1 1 1 1 X 16/8 FC000h–FFFFFh 7E000h–7FFFFh Sector A18 A17 A16 A15 A14 A13 A12 Sector Size (Kbytes/ Kwords) Address Range (in hexadecimal) (x8) Address Range (x16) Address Range SA0 0 0 0 0 0 0 X 16/8 00000h–03FFFh 00000h–01FFFh SA1 0 0 0 0 0 1 0 8/4 04000h–05FFFh 02000h–02FFFh SA2 0 0 0 0 0 1 1 8/4 06000h–07FFFh 03000h–03FFFh SA3 0 0 0 0 1 X X 32/16 08000h–0FFFFh 04000h–07FFFh SA4 0 0 0 1 X X X 64/32 10000h–1FFFFh 08000h–0FFFFh SA5 0 0 1 0 X X X 64/32 20000h–2FFFFh 10000h–17FFFh SA6 0 0 1 1 X X X 64/32 30000h–3FFFFh 18000h–1FFFFh SA7 0 1 0 0 X X X 64/32 40000h–4FFFFh 20000h–27FFFh SA8 0 1 0 1 X X X 64/32 50000h–5FFFFh 28000h–2FFFFh SA9 0 1 1 0 X X X 64/32 60000h–6FFFFh 30000h–37FFFh SA10 0 1 1 1 X X X 64/32 70000h–7FFFFh 38000h–3FFFFh SA11 1 0 0 0 X X X 64/32 80000h–8FFFFh 40000h–47FFFh SA12 1 0 0 1 X X X 64/32 90000h–9FFFFh 48000h–4FFFFh SA13 1 0 1 0 X X X 64/32 A0000h–AFFFFh 50000h–57FFFh SA14 1 0 1 1 X X X 64/32 B0000h–BFFFFh 58000h–5FFFFh SA15 1 1 0 0 X X X 64/32 C0000h–CFFFFh 60000h–67FFFh SA16 1 1 0 1 X X X 64/32 D0000h–DFFFFh 68000h–6FFFFh SA17 1 1 1 0 X X X 64/32 E0000h–EFFFFh 70000h–77FFFh SA18 1 1 1 1 X X X 64/32 F0000h–FFFFFh 78000h–7FFFFh |
유사한 부품 번호 - AM29LV800BB-120EF |
|
유사한 설명 - AM29LV800BB-120EF |