전자부품 데이터시트 검색엔진 |
|
AM29LV065MU 데이터시트(PDF) 43 Page - Advanced Micro Devices |
|
AM29LV065MU 데이터시트(HTML) 43 Page - Advanced Micro Devices |
43 / 62 page September 12, 2006 Am29LV065MU 41 DA TA SH EET TEST CONDITIONS Table 12. Test Specifications Note: If V IO < VCC, the reference level is 0.5 VIO. KEY TO SWITCHING WAVEFORMS 2.7 k Ω CL 6.2 k Ω 3.3 V Device Under Test Note: Diodes are IN3064 or equivalent Figure 12. Test Setup Test Condition All Speeds Unit Output Load 1 TTL gate Output Load Capacitance, C L (including jig capacitance) 30 pF Input Rise and Fall Times 5 ns Input Pulse Levels 0.0–3.0 V Input timing measurement reference levels (See Note) 1.5 V Output timing measurement reference levels 0.5 V IO V WAVEFORM INPUTS OUTPUTS Steady Changing from H to L Changing from L to H Don’t Care, Any Change Permitted Changing, State Unknown Does Not Apply Center Line is High Impedance State (High Z) 3.0 V 0.0 V 1.5 V 0.5 VIO V Output Measurement Level Input Note: If V IO < VCC, the input measurement reference level is 0.5 VIO. Figure 13. Input Waveforms and Measurement Levels |
유사한 부품 번호 - AM29LV065MU |
|
유사한 설명 - AM29LV065MU |