전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AM29LV641ML101EI 데이터시트(Datasheet) 23 Page - Advanced Micro Devices

부품명 AM29LV641ML101EI
상세내용  64 Megabit (4 M x 16-Bit) MirrorBit™ 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O™ Control
PDF  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo 

 23 page
background image
December 21, 2005
Am29LV641MH/L
21
DA TA SH EET
Table 8.
Device Geometry Definition
Addresses (x16)
Data
Description
27h
0017h
Device Size = 2
N byte
28h
29h
0001h
0000h
Flash Device Interface description (refer to CFI publication 100)
2Ah
2Bh
0005h
0000h
Max. number of byte in multi-byte write = 2
N
(00h = not supported)
2Ch
0001h
Number of Erase Block Regions within device (01h = uniform device, 02h = boot
device)
2Dh
2Eh
2Fh
30h
007Fh
0000h
0000h
0001h
Erase Block Region 1 Information
(refer to the CFI specification or CFI publication 100)
31h
32h
33h
34h
0000h
0000h
0000h
0000h
Erase Block Region 2 Information (refer to CFI publication 100)
35h
36h
37h
38h
0000h
0000h
0000h
0000h
Erase Block Region 3 Information (refer to CFI publication 100)
39h
3Ah
3Bh
3Ch
0000h
0000h
0000h
0000h
Erase Block Region 4 Information (refer to CFI publication 100)




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


데이터시트



관련 부품명

부품명상세내용Html View제조사
AM29LV642D_06128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O™ Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV640D_0764 Megabit 4 M x 16-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO™ Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV065D_0664 Megabit 8 M x 8-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV652D128 Megabit 16 M x 8-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO™ Control 1 2 3 4 5 MoreAdvanced Micro Devices
S29AL016M_0616 Megabit 2 M x 8-Bit/1 M x 16-Bit 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit™ Technology 1 2 3 4 5 MoreSPANSION
AM29LV160B_0516 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV800B_058 Megabit 1 M x 8-Bit/512 K x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV081B_068 Megabit 1 M x 8-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV400B_034 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV010B_061 Megabit 128 K x 8-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl