전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV641ML101EI 데이터시트(PDF) 58 Page - Advanced Micro Devices

부품명 AM29LV641ML101EI
상세설명  64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV641ML101EI 데이터시트(HTML) 58 Page - Advanced Micro Devices

Back Button AM29LV641ML101EI Datasheet HTML 52Page - Advanced Micro Devices AM29LV641ML101EI Datasheet HTML 53Page - Advanced Micro Devices AM29LV641ML101EI Datasheet HTML 54Page - Advanced Micro Devices AM29LV641ML101EI Datasheet HTML 55Page - Advanced Micro Devices AM29LV641ML101EI Datasheet HTML 56Page - Advanced Micro Devices AM29LV641ML101EI Datasheet HTML 57Page - Advanced Micro Devices AM29LV641ML101EI Datasheet HTML 58Page - Advanced Micro Devices AM29LV641ML101EI Datasheet HTML 59Page - Advanced Micro Devices AM29LV641ML101EI Datasheet HTML 60Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
56
Am29LV641MH/L
December 21, 2005
DA TA SH EET
REVISION SUMMARY
Revision A (August 3, 2001)
Initial release as abbreviated Advance Information
data sheet.
Revision A+1 (October 3, 2001)
Global
Added 120 ns speed option.
Ordering Information
Changed operating voltage range for 90 ns device.
Physical Dimensions
Added section.
Revision B (March 14, 2002)
Global
Expanded data sheet to full specification version.
Revision B+1 (April 26, 2002)
MirrorBit 64 Mbit Device Family
Deleted Am29LV641MT/B.
Figure 2, In-System Sector Group
Protect/Unprotect Algorithms
Added A3 and A2 address requirement.
Sector Group Protection/Unprotection
Deleted reference to alternate method of sector pro-
tection.
Autoselect Command
Substituted text with ID code table for easier refer-
ence.
Table 10, Command Definitions
Combined Notes 4 and 5 from Revision B. Corrected
number of cycles indicated for Write-to-Buffer and Au-
toselect Device ID command sequences.
Figure 25, Sector Group Protect and Unprotect
Timing Diagram
In the note, added A3 and A2 address requirement.
Revision B+2 (August 1, 2002)
Mirrorbit 64 MBIT Device Family
Added 64 Fortified BGA to table.
Program Suspend/Program Resume Command
Sequence
Changed program operation wait time from 1ms to
15
μs.
Figure 5. Program Suspend/Program Resume
Changed wait from 1ms to 15
μs.
Erase Resume/Erase Resume Commands
Added a maximum of 20
μs.
Alternate CE# Controlled Erase and Program
Operations
Added T
RH parameter to table.
Special package handling instructions
Modified the special handling wording.
DC Characteristics table
Deleted the I
ACC specification row.
CFI
Changed text in the third paragraph of CFI to read
“reading array data.”
Revision B+3 (September 10, 2002)
Product Selector Guide
Added Note 2.
Ordering Information
Added Note 1.
Sector Erase Command Sequence
Deleted statement that describes the outcome of
when the Embedded Erase operation is in progress.
Revision B+4 (October 15, 2002)
Erase and Programming Performance
Changed values for typical and maximum times on
word program time and write buffer program time to
TBD. Inserted TBD for maximum chip erase time.
Revision B+5 (November 26, 2002)
Product Selector Guide and Read-Only
Characteristics
Added a 30 ns option to t
PACC and tOE standard for the
112R and 120R speed options.
Customer Lockable: SecSi Sector NOT
Programmed or Protected at the factory.
Added second bullet, SecSi sector-protect verify text
and figure 3.
SecSi Sector Flash Memory Region, and Enter
SecSi Sector/Exit SecSi Sector Command
Sequence
Noted that the ACC function and unlock bypass modes
are not available when the SecSi sector is enabled.


유사한 부품 번호 - AM29LV641ML101EI

제조업체부품명데이터시트상세설명
logo
SPANSION
AM29LV641ML101EI SPANSION-AM29LV641ML101EI Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
More results

유사한 설명 - AM29LV641ML101EI

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV065M AMD-AM29LV065M Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV065MU AMD-AM29LV065MU Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640MH AMD-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641G SPANSION-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV033MU SPANSION-AM29LV033MU_06 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV641G AMD-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com