전자부품 데이터시트 검색엔진 |
|
AM42DL16X2D 데이터시트(PDF) 57 Page - Advanced Micro Devices |
|
AM42DL16X2D 데이터시트(HTML) 57 Page - Advanced Micro Devices |
57 / 128 page February 6, 2004 Am42DL16x2D 55 AC CHARACTERISTICS Notes: 1. UB#s and LB#s controlled, CIOs must be high. 1. t CW is measured from CE1#s going low to the end of write. 2. t WR is measured from the end of write to the address change. tWR applied in case a write ends as CE1#s or WE# going high. 3. t AS is measured from the address valid to the beginning of write. 4. A write occurs during the overlap (tWP) of low CE#1 and low WE#. A write begins when CE1#s goes low and WE# goes low when asserting UB#s or LB#s for a single byte operation or simultaneously asserting UB#s and LB#s for a double byte operation. A write ends at the earliest transition when CE1#s goes high and WE# goes high. The t WP is measured from the beginning of write to the end of write. Figure 32. SRAM Write Cycle—UB#s and LB#s Control Address Data Valid UB#s, LB#s WE# Data In Data Out High-Z High-Z tWC CE1#s CE2s tAW tBW tDW tDH tWR (See Note 3) tAS (See Note 4) tCW (See Note 2) tCW (See Note 2) tWP (See Note 5) |
유사한 부품 번호 - AM42DL16X2D |
|
유사한 설명 - AM42DL16X2D |