전자부품 데이터시트 검색엔진 |
|
AM29LV641ML120FI 데이터시트(PDF) 55 Page - Advanced Micro Devices |
|
AM29LV641ML120FI 데이터시트(HTML) 55 Page - Advanced Micro Devices |
55 / 60 page December 21, 2005 Am29LV641MH/L 53 DA TA SH EET TSOP PIN CAPACITANCE Notes: 1. Sampled, not 100% tested. 2. Test conditions T A = 25°C, f = 1.0 MHz. DATA RETENTION Parameter Symbol Parameter Description Test Setup Typ Max Unit C IN Input Capacitance V IN = 0 6 7.5 pF C OUT Output Capacitance V OUT = 0 8.5 12 pF C IN2 Control Pin Capacitance V IN = 0 7.5 9 pF Parameter Description Test Conditions Min Unit Minimum Pattern Data Retention Time 150 °C10 Years 125 °C20 Years |
유사한 부품 번호 - AM29LV641ML120FI |
|
유사한 설명 - AM29LV641ML120FI |