전자부품 데이터시트 검색엔진 |
|
AM29LV641MH100FI 데이터시트(PDF) 22 Page - Advanced Micro Devices |
|
AM29LV641MH100FI 데이터시트(HTML) 22 Page - Advanced Micro Devices |
22 / 60 page 20 Am29LV641MH/L December 21, 2005 DA TA SH EET Table 6. CFI Query Identification String Table 7. System Interface String Addresses (x16) Data Description 10h 11h 12h 0051h 0052h 0059h Query Unique ASCII string “QRY” 13h 14h 0002h 0000h Primary OEM Command Set 15h 16h 0040h 0000h Address for Primary Extended Table 17h 18h 0000h 0000h Alternate OEM Command Set (00h = none exists) 19h 1Ah 0000h 0000h Address for Alternate OEM Extended Table (00h = none exists) Addresses (x16) Data Description 1Bh 0027h V CC Min. (write/erase) D7–D4: volt, D3–D0: 100 millivolt 1Ch 0036h V CC Max. (write/erase) D7–D4: volt, D3–D0: 100 millivolt 1Dh 0000h V PP Min. voltage (00h = no VPP pin present) 1Eh 0000h V PP Max. voltage (00h = no VPP pin present) 1Fh 0007h Typical timeout per single byte/word write 2 N µs 20h 0007h Typical timeout for Min. size buffer write 2 N µs (00h = not supported) 21h 000Ah Typical timeout per individual block erase 2 N ms 22h 0000h Typical timeout for full chip erase 2 N ms (00h = not supported) 23h 0001h Max. timeout for byte/word write 2 N times typical 24h 0005h Max. timeout for buffer write 2 N times typical 25h 0004h Max. timeout per individual block erase 2 N times typical 26h 0000h Max. timeout for full chip erase 2 N times typical (00h = not supported) |
유사한 부품 번호 - AM29LV641MH100FI |
|
유사한 설명 - AM29LV641MH100FI |