전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM41DL1634DB85IS 데이터시트(PDF) 12 Page - Advanced Micro Devices

부품명 AM41DL1634DB85IS
상세설명  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM41DL1634DB85IS 데이터시트(HTML) 12 Page - Advanced Micro Devices

Back Button AM41DL1634DB85IS Datasheet HTML 8Page - Advanced Micro Devices AM41DL1634DB85IS Datasheet HTML 9Page - Advanced Micro Devices AM41DL1634DB85IS Datasheet HTML 10Page - Advanced Micro Devices AM41DL1634DB85IS Datasheet HTML 11Page - Advanced Micro Devices AM41DL1634DB85IS Datasheet HTML 12Page - Advanced Micro Devices AM41DL1634DB85IS Datasheet HTML 13Page - Advanced Micro Devices AM41DL1634DB85IS Datasheet HTML 14Page - Advanced Micro Devices AM41DL1634DB85IS Datasheet HTML 15Page - Advanced Micro Devices AM41DL1634DB85IS Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
Am41DL16x4D
11
P R E L IMINARY
Table 1.
Device Bus Operations—Flash Word Mode, CIOf = V
IH; SRAM Word Mode, CIOs = VCC
Legend: L = Logic Low = V
IL, H = Logic High = VIH, VID = 8.5–12.5 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SA = SRAM Address
Input, Byte Mode, SADD = Flash Sector Address, A
IN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Other operations except for those indicated in this column are inhibited.
2. Do not apply CE#f = V
IL, CE1#s = VIL and CE2s = VIH at the same time.
3. Don’t care or open LB#s or UB#s.
4. If WP#/ACC = V
IL , the boot sectors will be protected. If WP#/ACC = VIH the boot sectors protection will be removed.
If WP#/ACC = V
ACC (9V), the program time will be reduced by 40%.
5. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “The autoselect
mode provides manufacturer and device identification, and sector protection verification, through identifier codes output on
DQ7–DQ0. The autoselect codes can be accessed in-system through the command register. Refer to the Autoselect Command
Sequence section for more information.Sector/Sector Block Protection and Unprotection” section.
6. If WP#/ACC = VIL, the two outermost boot sectors remain protected. If WP#/ACC = VIH, the two outermost boot sector protection
depends on whether they were last protected or unprotected using the method described in “The autoselect mode provides
manufacturer and device identification, and sector protection verification, through identifier codes output on DQ7–DQ0. The
autoselect codes can be accessed in-system through the command register. Refer to the Autoselect Command Sequence section
for more information.Sector/Sector Block Protection and Unprotection”. If WP#/ACC = VHH, all sectors will be unprotected.
Operation
(Notes 1, 2)
CE#f CE1#s CE2s OE# WE#
SA
Addr.
LB#s UB#s RESET#
WP#/ACC
(Note 4)
DQ7–
DQ0
DQ15–
DQ8
Read from Flash
L
HX
LH
X
A
IN
XX
H
L/H
D
OUT
D
OUT
XL
Write to Flash
L
HX
HL
X
A
IN
XX
H
(Note 4)
D
IN
D
IN
XL
Standby
VCC ±
0.3 V
HX
XX
X
X
X
X
VCC ±
0.3 V
H
High-Z
High-Z
XL
Output Disable
L
L
H
H
H
XXL
X
H
L/H
High-Z
High-Z
HH
X
X
X
L
Flash Hardware
Reset
X
HX
X
X
X
X
X
X
L
L/H
High-Z
High-Z
XL
Sector Protect
(Note 5)
L
HX
HL
X
SADD,
A6 = L,
A1 = H,
A0 = L
XX
V
ID
L/H
D
IN
X
XL
Sector Unprotect
(Note 5)
L
HX
HL
X
SADD,
A6 = H,
A1 = H,
A0 = L
XX
V
ID
(Note 6)
D
IN
X
XL
Temporary Sector
Unprotect
X
HX
XX
X
X
X
X
V
ID
(Note 6)
D
IN
High-Z
XL
Read from SRAM
H
L
H
L
H
X
A
IN
LL
HX
D
OUT
D
OUT
H
L
High-Z
D
OUT
LH
D
OUT
High-Z
Write to SRAM
H
L
H
X
L
X
A
IN
LL
HX
D
IN
D
IN
H
L
High-Z
D
IN
LH
D
IN
High-Z


유사한 부품 번호 - AM41DL1634DB85IS

제조업체부품명데이터시트상세설명
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL3208GB25IT AMD-AM41DL3208GB25IT Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
logo
SPANSION
AM41DL3208GB30IT SPANSION-AM41DL3208GB30IT Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL3208GB30IT AMD-AM41DL3208GB30IT Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
More results

유사한 설명 - AM41DL1634DB85IS

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM41DL32X4G AMD-AM41DL32X4G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM41DL6408G AMD-AM41DL6408G Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM42DL16X4D AMD-AM42DL16X4D Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM42DL32X4G AMD-AM42DL32X4G Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM29DL400B AMD-AM29DL400B Datasheet
534Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL800B AMD-AM29DL800B Datasheet
580Kb / 43P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL800B AMD-AM29DL800B_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL400B AMD-AM29DL400B_05 Datasheet
1Mb / 47P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com