전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM41DL1644DB70IS 데이터시트(PDF) 26 Page - Advanced Micro Devices

부품명 AM41DL1644DB70IS
상세설명  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM41DL1644DB70IS 데이터시트(HTML) 26 Page - Advanced Micro Devices

Back Button AM41DL1644DB70IS Datasheet HTML 22Page - Advanced Micro Devices AM41DL1644DB70IS Datasheet HTML 23Page - Advanced Micro Devices AM41DL1644DB70IS Datasheet HTML 24Page - Advanced Micro Devices AM41DL1644DB70IS Datasheet HTML 25Page - Advanced Micro Devices AM41DL1644DB70IS Datasheet HTML 26Page - Advanced Micro Devices AM41DL1644DB70IS Datasheet HTML 27Page - Advanced Micro Devices AM41DL1644DB70IS Datasheet HTML 28Page - Advanced Micro Devices AM41DL1644DB70IS Datasheet HTML 29Page - Advanced Micro Devices AM41DL1644DB70IS Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
Am41DL16x4D
25
P R E L IMINARY
Table 15.
Primary Vendor-Specific Extended Query
Note:
The number of sectors in Bank 2 is device dependent.
Am29DL161 = 1Fh
Am29DL162 = 1Ch
Am29DL163 = 18h
Am29DL164 = 10h
Addresses
(Word Mode)
Data
Description
40h
41h
42h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
0031h
Major version number, ASCII
44h
0033h
Minor version number, ASCII
45h
0001h
Address Sensitive Unlock (Bits 1-0)
0 = Required, 1 = Not Required
Silicon Revision Number (Bits 7-2)
46h
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
0001h
Sector Protect
0 = Not Supported, X = Number of sectors in per group
48h
0001h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
0004h
Sector Protect/Unprotect scheme
04 = 29LV800 mode
4Ah
00XXh
(See Note)
Simultaneous Operation
00 = Not Supported, X= Number of Sectors in Bank 2 (Uniform Bank)
4Bh
0000h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
0000h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page
4Dh
0085h
ACC (Acceleration) Supply Minimum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Eh
0095h
ACC (Acceleration) Supply Maximum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Fh
000Xh
Top/Bottom Boot Sector Flag
02h = Bottom Boot Device, 03h = Top Boot Device


유사한 부품 번호 - AM41DL1644DB70IS

제조업체부품명데이터시트상세설명
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL3208GB25IT AMD-AM41DL3208GB25IT Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
logo
SPANSION
AM41DL3208GB30IT SPANSION-AM41DL3208GB30IT Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL3208GB30IT AMD-AM41DL3208GB30IT Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
More results

유사한 설명 - AM41DL1644DB70IS

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM41DL32X4G AMD-AM41DL32X4G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM41DL6408G AMD-AM41DL6408G Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM42DL16X4D AMD-AM42DL16X4D Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM42DL32X4G AMD-AM42DL32X4G Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM29DL400B AMD-AM29DL400B Datasheet
534Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL800B AMD-AM29DL800B Datasheet
580Kb / 43P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL800B AMD-AM29DL800B_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL400B AMD-AM29DL400B_05 Datasheet
1Mb / 47P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com