전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV128ML123EF 데이터시트(PDF) 10 Page - Advanced Micro Devices

부품명 AM29LV128ML123EF
상세설명  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128ML123EF 데이터시트(HTML) 10 Page - Advanced Micro Devices

Back Button AM29LV128ML123EF Datasheet HTML 6Page - Advanced Micro Devices AM29LV128ML123EF Datasheet HTML 7Page - Advanced Micro Devices AM29LV128ML123EF Datasheet HTML 8Page - Advanced Micro Devices AM29LV128ML123EF Datasheet HTML 9Page - Advanced Micro Devices AM29LV128ML123EF Datasheet HTML 10Page - Advanced Micro Devices AM29LV128ML123EF Datasheet HTML 11Page - Advanced Micro Devices AM29LV128ML123EF Datasheet HTML 12Page - Advanced Micro Devices AM29LV128ML123EF Datasheet HTML 13Page - Advanced Micro Devices AM29LV128ML123EF Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
10
Am29LV128MH/L
25270C7 January 31, 2007
D A TA
SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Notes:
1.
For 100, 110, and 120 speed option shown in product selector guide, contact AMD for availability and ordering information.
2.
To select product with ESN factory-locked into the Secured Silicon Sector: 1) select order number from the valid combinations given above, 2) add designator
“N” at the end of the order number, and 3) modify the speed option indicator as follows [103R = 10R, 113R = 11R, 123R = 12R, 93R, 103, 113, 123 = no
change]. Example: Am29LV128MH12RPCIN. For Fortified BGA packages, modify the speed option indicator as follows: [103N = 10N, 113N = 11N, 123N =
12N, 93N = no change]. The designator “N” will also appear at the end of the package marking. Example: L128MH12NIN.
Am29LV128MH/L
H
123R
PC
I
TEMPERATURE RANGE
F
=
Industrial (-40C to 85C) with Pb-free Package
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
E
=
56-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 056)
F
=
56-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR056)
PC
=
64-Ball Fortified Ball Grid Array (
FBGA),
1.0 mm pitch, 13 x 11 mm package (LAA064)
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE AND SECTOR WRITE PROTECTION (WP# = V
IL)
H
=
Uniform sector device, highest address sector protected
L
=
Uniform sector device, lowest address sector protected
DEVICE NUMBER/DESCRIPTION
Am29LV128MH/L
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit Uniform Sector Flash Memory with VersatileIO
™ Control,
3.0 Volt-only Read, Program, and Erase
Valid Combinations for
TSOP Package
Speed
(ns)
V
IO
Range
V
CC
Range
Am29LV128MH93R
Am29LV128ML93R
EI,
FI
EF
90
3.0–3.6 V
3.0–3.6 V
Am29LV128MH103R
Am29LV128ML103R
100
2.7–3.6 V
Am29LV128MH113R
Am29LV128ML113R
110
1.65–3.6 V
Am29LV128MH123R
Am29LV128ML123R
120
1.65–3.6 V
Valid Combinations for
Fortified BGA Package
Speed
(ns)
V
IO
Range
V
CC
Range
Order Number
Package Marking
Am29LV128MH93R
Am29LV128ML93R
PCI,
PCF
L128MH93N
L128ML93N
I,
F
90
3.0–
3.6V
3.0–
3.6 V
Am29LV128MH103R
Am29LV128ML103R
L128MH103N
L128ML103N
100
2.7–
3.6 V
Am29LV128MH113R
Am29LV128ML113R
L128MH113N
L128ML113N
110
1.65–
3.6 V
Am29LV128MH123R
Am29LV128ML123R
L128MH123N
L128ML123N
120
1.65–
3.6 V


유사한 부품 번호 - AM29LV128ML123EF

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29LV128ML123REI AMD-AM29LV128ML123REI Datasheet
1Mb / 65P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV128ML123RFI AMD-AM29LV128ML123RFI Datasheet
1Mb / 65P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV128ML123RPCI AMD-AM29LV128ML123RPCI Datasheet
1Mb / 65P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
More results

유사한 설명 - AM29LV128ML123EF

제조업체부품명데이터시트상세설명
logo
SPANSION
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV128MH AMD-AM29LV128MH Datasheet
1Mb / 65P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
SPANSION
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640MH AMD-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV642D AMD-AM29LV642D Datasheet
986Kb / 53P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV642D AMD-AM29LV642D_06 Datasheet
1Mb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV065M AMD-AM29LV065M Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV320MH AMD-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV065MU AMD-AM29LV065MU Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV320MH SPANSION-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com