전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AM41DL1614DB30IT 데이터시트(Datasheet) 36 Page - Advanced Micro Devices

부품명 AM41DL1614DB30IT
상세내용  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo 

 36 page
background image
Am41DL16x4D
35
P R E L IMINARY
Table 20.
Write Operation Status
Notes:
1. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits.
Refer to the section on DQ5 for more information.
2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further
details.
3. When reading write operation status bits, the system must always provide the bank address where the Embedded Algorithm
is in progress. The device outputs array data if the system addresses a non-busy bank.
Status
DQ7
(Note 2)
DQ6
DQ5
(Note 1)
DQ3
DQ2
(Note 2)
RY/BY#
Standard
Mode
Embedded Program Algorithm
DQ7#
Toggle
0
N/A
No toggle
0
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
0
Erase
Suspend
Mode
Erase-Suspend-
Read
Erase
Suspended Sector
1
No toggle
0
N/A
Toggle
1
Non-Erase
Suspended Sector
Data
Data
Data
Data
Data
1
Erase-Suspend-Program
DQ7#
Toggle
0
N/A
N/A
0




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63 


데이터시트



관련 부품명

부품명상세내용Html View제조사
AM41DL32X4G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL16X2DAm29DL16xD 16 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 2 Mbit 128 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL6408G64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL32X8G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL400B_054 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL16XD_0616 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV400B_034 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL800B_068 Megabit 1 M x 8-Bit/512 K x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL322D_0532 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV160B_0516 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl