전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AM41DL1614DB30IT 데이터시트(Datasheet) 44 Page - Advanced Micro Devices

부품명 AM41DL1614DB30IT
상세내용  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo 

 44 page
background image
Am41DL16x4D
43
P R E L IMINARY
AC CHARACTERISTICS
Hardware Reset (RESET#)
Note: Not 100% tested.
Parameter
Description
All Speed Options
Unit
JEDEC
Std
t
Ready
RESET# Pin Low (During Embedded Algorithms) to
Read Mode (See Note)
Max
20
µs
tReady
RESET# Pin Low (NOT During Embedded Algorithms) to
Read Mode (See Note)
Max
500
ns
t
RP
RESET# Pulse Width
Min
500
ns
tRH
Reset High Time Before Read (See Note)
Min
50
ns
t
RPD
RESET# Low to Standby Mode
Min
20
µs
tRB
RY/BY# Recovery Time
Min
0
ns
RESET#
RY/BY#
RY/BY#
tRP
tReady
Reset Timings NOT during Embedded Algorithms
tReady
CE#f, OE#
tRH
CE#f, OE#
Reset Timings during Embedded Algorithms
RESET#
tRP
tRB
Figure 15.
Reset Timings




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63 


데이터시트



관련 부품명

부품명상세내용Html View제조사
AM41DL32X4G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL16X2DAm29DL16xD 16 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 2 Mbit 128 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL6408G64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL32X8G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL400B_054 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL16XD_0616 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV400B_034 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL800B_068 Megabit 1 M x 8-Bit/512 K x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL322D_0532 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV160B_0516 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl