전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM41DL1614DB30IT 데이터시트(PDF) 60 Page - Advanced Micro Devices

부품명 AM41DL1614DB30IT
상세설명  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM41DL1614DB30IT 데이터시트(HTML) 60 Page - Advanced Micro Devices

Back Button AM41DL1614DB30IT Datasheet HTML 55Page - Advanced Micro Devices AM41DL1614DB30IT Datasheet HTML 56Page - Advanced Micro Devices AM41DL1614DB30IT Datasheet HTML 57Page - Advanced Micro Devices AM41DL1614DB30IT Datasheet HTML 58Page - Advanced Micro Devices AM41DL1614DB30IT Datasheet HTML 59Page - Advanced Micro Devices AM41DL1614DB30IT Datasheet HTML 60Page - Advanced Micro Devices AM41DL1614DB30IT Datasheet HTML 61Page - Advanced Micro Devices AM41DL1614DB30IT Datasheet HTML 62Page - Advanced Micro Devices AM41DL1614DB30IT Datasheet HTML 63Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
Am41DL16x4D
59
P R E L IMINARY
FLASH ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 3.0 V V
CC, 1,000,000 cycles. Additionally,
programming typicals assume checkerboard pattern.
2. Under worst case conditions of 90
°C, V
CC = 2.7 V, 1,000,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most byteswords
program faster than the maximum program times listed.
4. In the pre-programming step of the Embedded Erase algorithm, all bytewords are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Table
16 for further information on command definitions.
6. The device has a minimum erase and program cycle endurance of 1,000,000 cycles.
FLASH LATCHUP CHARACTERISTICS
Note: Includes all pins except VCC. Test conditions: VCC = 3.0 V, one pin at a time.
PACKAGE PIN CAPACITANCE
Note: 7.Test conditions T
A = 25°C, f = 1.0 MHz.
FLASH DATA RETENTION
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
0.7
15
sec
Excludes 00h programming
prior to erasure (Note 4)
Chip Erase Time
27
sec
Byte Program Time
5
150
µs
Word Program Time
7
210
µs
Excludes system level
overhead (Note 5)
Accelerated Byte/Word Program Time
4
120
µs
Byte Mode
9
27
Chip Program Time
(Note 3)
Word Mode
6
18
sec
Description
Min
Max
Input voltage with respect to V
SS on all pins except I/O pins
(including OE# and RESET#)
–1.0 V
12.5 V
Input voltage with respect to VSS on all I/O pins
–1.0 V
VCC + 1.0 V
V
CC Current
–100 mA
+100 mA
Parameter
Symbol
Description
Test Setup
Typ
Max
Unit
C
IN
Input Capacitance
V
IN = 0
1114pF
C
OUT
Output Capacitance
V
OUT = 0
1216pF
C
IN2
Control Pin Capacitance
V
IN = 0
1416pF
C
IN3
WP#/ACC Pin Capacitance
V
IN = 0
1720pF
Parameter Description
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C
10
Years
125
°C
20
Years


유사한 부품 번호 - AM41DL1614DB30IT

제조업체부품명데이터시트상세설명
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL3208GB25IT AMD-AM41DL3208GB25IT Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
logo
SPANSION
AM41DL3208GB30IT SPANSION-AM41DL3208GB30IT Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL3208GB30IT AMD-AM41DL3208GB30IT Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
More results

유사한 설명 - AM41DL1614DB30IT

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM41DL32X4G AMD-AM41DL32X4G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM41DL6408G AMD-AM41DL6408G Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM42DL16X4D AMD-AM42DL16X4D Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM42DL32X4G AMD-AM42DL32X4G Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM29DL400B AMD-AM29DL400B Datasheet
534Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL800B AMD-AM29DL800B Datasheet
580Kb / 43P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL800B AMD-AM29DL800B_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL400B AMD-AM29DL400B_05 Datasheet
1Mb / 47P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com