전자부품 데이터시트 검색엔진 |
|
AM41DL3244GB45IT 데이터시트(PDF) 10 Page - Advanced Micro Devices |
|
AM41DL3244GB45IT 데이터시트(HTML) 10 Page - Advanced Micro Devices |
10 / 65 page November 12, 2001 Am41DL32x4G 9 P R E L IMINARY ORDERING INFORMATION The order number (Valid Combination) is formed by the following: Valid Combinations Valid Combinations list configurations planned to be supported in vol- ume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly re- leased combinations Am41DL32x 4 G T 70 I T TAPE AND REEL T = 7 inches S= 13 inches TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T= Top sector B = Bottom sector PROCESS TECHNOLOGY G = 0.17 µm SRAM DEVICE DENSITY 4= 4 Mbits AMD DEVICE NUMBER/DESCRIPTION Am41DL32x4G Stacked Multi-Chip Package (MCP) Flash Memory and SRAM Am29DL32xG 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM Valid Combinations Order Number Package Marking Am41DL3224GT70I Am41DL3224GB70I T, S M41000001W M41000001X Am41DL3224GT85I Am41DL3224GB85I M41000001Y M41000001Z Am41DL3234GT70I Am41DL3234GB70I M410000020 M410000021 Am41DL3234GT85I Am41DL3234GB85I M410000022 M410000023 Am41DL3244GT70I Am41DL3244GB70I M410000024 M410000025 Am41DL3244GT85I Am41DL3244GB85I M410000026 M410000027 |
유사한 부품 번호 - AM41DL3244GB45IT |
|
유사한 설명 - AM41DL3244GB45IT |