전자부품 데이터시트 검색엔진 |
|
AM41DL1634DB45IS 데이터시트(PDF) 18 Page - Advanced Micro Devices |
|
AM41DL1634DB45IS 데이터시트(HTML) 18 Page - Advanced Micro Devices |
18 / 63 page Am41DL16x4D 17 P R E L IMINARY Table 6. Sector Addresses for Top Boot Sector Devices Note: The address range is A19:A-1 in byte mode (CIOf=V IL) or A19:A0 in word mode (CIOf=VIH). The bank address bits are A19–15 for Am29DL161DT, A19–A17 for Am29DL162DT, A19 and A18 for Am29DL163DT, and A19 for Am29DL164DT. Table 7. SecSi Sector Addresses for Top Boot Devices Sector Sector Address A19–A12 Sector Size (Kbytes/Kwords) (x8) Address Range (x16) Address Range SA0 00000xxx 64/32 000000h-00FFFFh 00000h–07FFFh SA1 00001xxx 64/32 010000h-01FFFFh 08000h–0FFFFh SA2 00010xxx 64/32 020000h-02FFFFh 10000h–17FFFh SA3 00011xxx 64/32 030000h-03FFFFh 18000h–1FFFFh SA4 00100xxx 64/32 040000h-04FFFFh 20000h–27FFFh SA5 00101xxx 64/32 050000h-05FFFFh 28000h–2FFFFh SA6 00110xxx 64/32 060000h-06FFFFh 30000h–37FFFh SA7 00111xxx 64/32 070000h-07FFFFh 38000h–3FFFFh SA8 01000xxx 64/32 080000h-08FFFFh 40000h–47FFFh SA9 01001xxx 64/32 090000h-09FFFFh 48000h–4FFFFh SA10 01010xxx 64/32 0A0000h-0AFFFFh 50000h–57FFFh SA11 01011xxx 64/32 0B0000h-0BFFFFh 58000h–5FFFFh SA12 01100xxx 64/32 0C0000h-0CFFFFh 60000h–67FFFh SA13 01101xxx 64/32 0D0000h-0DFFFFh 68000h–6FFFFh SA14 01110xxx 64/32 0E0000h-0EFFFFh 70000h–77FFFh SA15 01111xxx 64/32 0F0000h-0FFFFFh 78000h–7FFFFh SA16 10000xxx 64/32 100000h-10FFFFh 80000h–87FFFh SA17 10001xxx 64/32 110000h-11FFFFh 88000h–8FFFFh SA18 10010xxx 64/32 120000h-12FFFFh 90000h–97FFFh SA19 10011xxx 64/32 130000h-13FFFFh 98000h–9FFFFh SA20 10100xxx 64/32 140000h-14FFFFh A0000h–A7FFFh SA21 10101xxx 64/32 150000h-15FFFFh A8000h–AFFFFh SA22 10110xxx 64/32 160000h-16FFFFh B0000h–B7FFFh SA23 10111xxx 64/32 170000h-17FFFFh B8000h–BFFFFh SA24 11000xxx 64/32 180000h-18FFFFh C0000h–C7FFFh SA25 11001xxx 64/32 190000h-19FFFFh C8000h–CFFFFh SA26 11010xxx 64/32 1A0000h-1AFFFFh D0000h–D7FFFh SA27 11011xxx 64/32 1B0000h-1BFFFFh D8000h–DFFFFh SA28 11100xxx 64/32 1C0000h-1CFFFFh E0000h–E7FFFh SA29 11101xxx 64/32 1D0000h-1DFFFFh E8000h–EFFFFh SA30 11110xxx 64/32 1E0000h-1EFFFFh F0000h–F7FFFh SA31 11111000 8/4 1F0000h-1F1FFFh F8000h–F8FFFh SA32 11111001 8/4 1F2000h-1F3FFFh F9000h–F9FFFh SA33 11111010 8/4 1F4000h-1F5FFFh FA000h–FAFFFh SA34 11111011 8/4 1F6000h-1F7FFFh FB000h–FBFFFh SA35 11111100 8/4 1F8000h-1F9FFFh FC000h–FCFFFh SA36 11111101 8/4 1FA000h-1FBFFFh FD000h–FDFFFh SA37 11111110 8/4 1FC000h-1FDFFFh FE000h–FEFFFh SA38 11111111 8/4 1FE000h-1FFFFFh FF000h–FFFFFh Device Sector Address A19–A12 Sector Size (x8) Address Range (x16) Address Range Am29DL16xDT 11111XXX 64/32 1F0000h-1FFFFFh F8000h–FFFFFh |
유사한 부품 번호 - AM41DL1634DB45IS |
|
유사한 설명 - AM41DL1634DB45IS |