전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC3302F 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 MC3302F
상세설명  Quad voltage comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC3302F 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button MC3302F Datasheet HTML 2Page - NXP Semiconductors MC3302F Datasheet HTML 3Page - NXP Semiconductors MC3302F Datasheet HTML 4Page - NXP Semiconductors MC3302F Datasheet HTML 5Page - NXP Semiconductors MC3302F Datasheet HTML 6Page - NXP Semiconductors MC3302F Datasheet HTML 7Page - NXP Semiconductors MC3302F Datasheet HTML 8Page - NXP Semiconductors MC3302F Datasheet HTML 9Page - NXP Semiconductors MC3302F Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
LM139/239/239A/339/339A/
LM2901/MC3302
Quad voltage comparator
1995 Nov 27
7
EQUIVALENT CIRCUIT
100k
500pF
10
0.1
µF
20k
50k
20k
V + /2
V +
30k
5.1k
700k
V – /2
+
+ VC
FREQUENCY
CONTROL
VOLTAGE
INPUT
3.0k
OUTPUT 1
OUTPUT 2
+
+
+ VREF HI
+ VIN
2RS
RS
2RS
+ V (12VDC)
10K
LAMP
2N2222
+
+
+
+ 5VDC
360
100
100k
+
+ 5VDC
360
100
100k
+
+ 5VDC
360
100
100k
+
+ 5VDC
360
100
100k
+ VREF 4
+ VREF 3
+ VREF 2
+ VREF 1
VO
+
V+
2.0k
V+
o
VO
1 – 100kHz
CRYSTAL
200k
200k
100k
0.1
µF
Crystal–Controlled Oscillator
Limit Comparator
Two–Decade High–Frequency VCO
Visible Voltage Indicator
+
TTL–to–MOS Logic Converter
NOTES:
V+ = 30VDC
+ 250m VDC < VC = 50VDC
700H < fO = 100kHz
NOTE:
Input of unused comparators should be grounded.
1/4LM339
1/4LM339
1/4LM339
+ VREF LO
5VDC
–12VDC
0.01
µF
V+
+ VREF
(1.4VDC)
10K
1/4LM339
VO
–12V
o
SL00072
Figure 3. Equivalent Circuit


유사한 부품 번호 - MC3302F

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC3302 ONSEMI-MC3302 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
MC3302 ONSEMI-MC3302 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
logo
Microchip Technology
MC3302-BI/P MICROCHIP-MC3302-BI/P Datasheet
666Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MC3302-BI/SL MICROCHIP-MC3302-BI/SL Datasheet
666Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MC3302-BI/ST MICROCHIP-MC3302-BI/ST Datasheet
666Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
More results

유사한 설명 - MC3302F

제조업체부품명데이터시트상세설명
logo
Daewoo Semiconductor
DBL339 DAEWOO-DBL339 Datasheet
268Kb / 6P
   QUAD VOLTAGE COMPARATOR
logo
AUK corp
S339P AUK-S339P Datasheet
284Kb / 3P
   Quad Voltage Comparator
logo
Taiwan Semiconductor Co...
TS2901 TSC-TS2901 Datasheet
133Kb / 6P
   Quad Voltage Comparator
TS339 TSC-TS339 Datasheet
137Kb / 6P
   Quad Voltage Comparator
logo
AUK corp
S339 AUK-S339_1 Datasheet
297Kb / 4P
   Quad Voltage Comparator
S339P AUK-S339P_1 Datasheet
301Kb / 4P
   Quad Voltage Comparator
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339_08 Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
LM339 HTC-LM339 Datasheet
132Kb / 4P
   QUAD VOLTAGE COMPARATOR
logo
NXP Semiconductors
AU2901 PHILIPS-AU2901 Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
logo
AUK corp
S339 AUK-S339 Datasheet
282Kb / 3P
   Quad Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com