전자부품 데이터시트 검색엔진 |
|
AD9236BCPZ-80 데이터시트(PDF) 6 Page - Analog Devices |
|
AD9236BCPZ-80 데이터시트(HTML) 6 Page - Analog Devices |
6 / 36 page AD9236 Rev. B | Page 6 of 36 SWITCHING SPECIFICATIONS AVDD = 3 V, DRVDD = 2.5 V, unless otherwise noted. Table 4. AD9236BRU/AD9236BCP Parameter Temp Test Level Min Typ Max Unit CLOCK INPUT PARAMETERS Maximum Conversion Rate Full VI 80 MSPS Minimum Conversion Rate Full V 1 MSPS CLK Period Full V 12.5 ns CLK Pulse Width High1 Full V 4.0 ns CLK Pulse Width Low1 Full V 4.0 ns DATA OUTPUT PARAMETERS Output Propagation Delay (tPD)2 Full V 3.5 ns Pipeline Delay (Latency) Full V 7 Cycles Aperture Delay (tA) Full V 1.0 ns Aperture Uncertainty (Jitter, tJ) Full V 0.3 ps rms Wake-Up Time3 Full V 7 ms OUT OF RANGE RECOVERY TIME Full V 2 Cycles 1 With duty cycle stabilizer (DCS) enabled. 2 Output propagation delay is measured from CLK 50% transition to DATA 50% transition, with 5 pF load. 3 Wake-up time is dependant on the value of the decoupling capacitors; typical values shown with 0.1 μF and 10 μF capacitors on REFT and REFB. tA 2.0ns MIN tPD = 6.0ns MAX 03066-0-002 N–9 N–8 N–7 N–6 N–5 N–4 N–3 N–2 N–1 N ANALOG INPUT CLK DATA OUT N–1 N N+1 N+2 N+3 N+4 N+5 N+6 N+7 N+8 Figure 2. Timing Diagram Table 5. Explanation of Test Levels Test Level Definitions I 100% production tested. II 100% production tested at 25°C and guaranteed by design and characterization at specified temperatures. III Sample tested only. IV Parameter is guaranteed by design and characterization testing. V Parameter is a typical value only. VI 100% production tested at 25°C and guaranteed by design and characterization for industrial temperature range. |
유사한 부품 번호 - AD9236BCPZ-80 |
|
유사한 설명 - AD9236BCPZ-80 |