전자부품 데이터시트 검색엔진 |
|
AM29LV320MT 데이터시트(PDF) 5 Page - SPANSION |
|
AM29LV320MT 데이터시트(HTML) 5 Page - SPANSION |
5 / 63 page 26518C3 January 31, 2007 Am29LV320MT/B 3 D A TA SH EE T MIRRORBIT 32 MBIT DEVICE FAMILY RELATED DOCUMENTS More information on MirrorBit technology and prod- ucts, and other documents relating to this device such as white papers, application notes, simulation models, an d FA Q s a r e a v a ilab l e via th e inte r n et a t www.amd.com. Type or paste in the following URL in a web browser: http://www.amd.com/us-en/FlashMemory/ProductIn- formation/0,37_1447_2248,00.html. Device Bus Sector Architecture Packages VIO RY/BY# WP#, ACC WP# Protection LV033MU x8 Uniform (64 Kbyte) 40-pin TSOP (std. & rev. pinout), 48-ball FBGA Yes Yes ACC only No WP# LV320MT/B x8/x16 Boot (8 x 8 Kbyte at top & bottom) 48-pin TSOP, 48-ball Fine-pitch BGA, 64-ball Fortified BGA No Yes WP#/ACC pin 2 x 8 Kbyte top or bottom LV320MH/L x8/x16 Uniform (64 Kbyte) 56-pin TSOP (std. & rev. pinout), 64-ball Fortified BGA Yes Yes WP#/ACC pin 1 x 64 Kbyte high or low |
유사한 부품 번호 - AM29LV320MT |
|
유사한 설명 - AM29LV320MT |