전자부품 데이터시트 검색엔진 |
|
HFA1405 데이터시트(PDF) 2 Page - Intersil Corporation |
|
HFA1405 데이터시트(HTML) 2 Page - Intersil Corporation |
2 / 15 page 2 Absolute Maximum Ratings TA =25oC Thermal Information Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Output Current (Note 2) . . . . . . . . . . . . . . . . .Short Circuit Protected 30mA Continuous 60mA ≤ 50% Duty Cycle ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7) . . . 600V Operating Conditions Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC Thermal Resistance (Typical, Note 1) θ JA ( oC/W) SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120 PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90 Maximum Junction Temperature (Die) . . . . . . . . . . . . . . . . . . . 175oC Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTES: 1. θ JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 2. Output is short circuit protected to ground. Brief short circuits to ground will not degrade reliability, however continuous (100% duty cycle) output current must not exceed 30mA for maximum reliability. Electrical Specifications VSUPPLY = ±5V, AV =+1, RF = 510Ω, RL = 100Ω, Unless Otherwise Specified PARAMETER TEST CONDITIONS (NOTE 4) TEST LEVEL TEMP( oC) HFA1405IB (SOIC) HFA1405IP (PDIP) UNITS MIN TYP MAX MIN TYP MAX INPUT CHARACTERISTICS Input Offset Voltage A 25 - 2 5 - 2 5 mV AFull - 3 8 - 3 8 mV Average Input Offset Voltage Drift B Full - 110 - 110 µV/oC Input Offset Voltage Common-Mode Rejection Ratio ∆VCM = ±1.8V A 25 45 48 - 45 48 - dB ∆VCM = ±1.8V A 85 43 46 - 43 46 - dB ∆V CM = ±1.2V A -40 43 46 - 43 46 - dB Input Offset Voltage Power Supply Rejection Ratio ∆VPS = ±1.8V A 25 48 52 - 48 52 - dB ∆VPS = ±1.8V A 85 46 48 - 46 48 - dB ∆V PS = ±1.2V A -40 46 48 - 46 48 - dB Non-Inverting Input Bias Current A 25 - 6 15 - 6 15 µA A Full - 10 25 - 10 25 µA Non-Inverting Input Bias Current Drift B Full - 560 - 560 nA/oC Non-Inverting Input Bias Current Power Supply Sensitivity ∆V PS = ±1.8V A 25 - 0.5 1 - 0.5 1 µA/V ∆VPS = ±1.8V A 85 - 0.8 3 - 0.8 3 µA/V ∆VPS = ±1.2V A -40 - 0.8 3 - 0.8 3 µA/V Non-Inverting Input Resistance ∆V CM = ±1.8V A 25 0.8 1.2 - 0.8 1.2 - M Ω ∆VCM = ±1.8V A 85 0.5 0.8 - 0.5 0.8 - M Ω ∆VCM = ±1.2V A -40 0.5 0.8 - 0.5 0.8 - M Ω Inverting Input Bias Current A 25 - 2 7.5 - 2 7.5 µA A Full - 515 - 515 µA Inverting Input Bias Current Drift B Full - 60 200 - 60 200 nA/oC Inverting Input Bias Current Common-Mode Sensitivity ∆V CM = ±1.8V A 25 - 3 6 - 3 6 µA/V ∆VCM = ±1.8V A 85 - 4 8 - 4 8 µA/V ∆VCM = ±1.2V A -40 - 4 8 - 4 8 µA/V HFA1405 |
유사한 부품 번호 - HFA1405_05 |
|
유사한 설명 - HFA1405_05 |