전자부품 데이터시트 검색엔진 |
|
HFA1205 데이터시트(PDF) 1 Page - Intersil Corporation |
|
HFA1205 데이터시트(HTML) 1 Page - Intersil Corporation |
1 / 15 page 1 TM FN3605.6 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil and Design is a trademark of Intersil Corporation. Copyright © Intersil Corporation 2000, 2004 HFA1205 Dual, 425MHz, Low Power, Video Operational Amplifier The HFA1205 is a dual, high speed, low power current feedback amplifier built with Intersil’s proprietary complementary bipolar UHF-1 process. These amplifiers deliver 425MHz bandwidth and 1350V/ µs slew rate, on only 60mW of quiescent power. They are specifically designed to meet the performance, power, and cost requirements of high volume video applications. The excellent gain flatness and differential gain/phase performance make these amplifiers well suited for component or composite video applications. Video performance is maintained even when driving a back terminated cable (RL =150Ω), and degrades only slightly when driving two back terminated cables (RL =75Ω). RGB applications will benefit from the high slew rates, and high full power bandwidth. The HFA1205 is a pin compatible, low power, high performance upgrade for the popular Intersil HA5023. For a dual amplifier with output disable capability, please see the HFA1245 data sheet. Features • Low Supply Current . . . . . . . . . . . . . . . . . 5.8mA/Op Amp • High Input Impedance . . . . . . . . . . . . . . . . . . . . . . . 2M Ω • Wide -3dB Bandwidth (AV = +2) . . . . . . . . . . . . . 425MHz • Very Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . 1350V/ µs • Gain Flatness (to 50MHz) . . . . . . . . . . . . . . . . . . . . . ±0.04dB • Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03% • Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees • Pin Compatible Upgrade to HA5023 Applications • Flash A/D Drivers • High Resolution Monitors • Video Switching and Routing • Professional Video Processing • Video Digitizing Boards/Systems • Multimedia Systems •RGB Preamps • Medical Imaging • Hand Held and Miniaturized RF Equipment • Battery Powered Communications • High Speed Oscilloscopes and Analyzers Related Literature • Technical Brief TB363 “Guidelines for Handling and Processing Moisture Sensitive Surface Mount Devices (SMDs)” Pinout HFA1205 (PDIP, SOIC) TOP VIEW Part # Information PART NUMBER (BRAND) TEMP. RANGE (oC) PACKAGE PKG. NO. HFA1205IP -40 to 85 8 Ld PDIP E8.3 HFA1205IB (H1205I) -40 to 85 8 Ld SOIC M8.15 HA5023EVAL High Speed Op Amp DIP Evaluation Board OUT1 -IN1 +IN1 V- 1 2 3 4 8 7 6 5 V+ OUT2 -IN2 +IN2 + - + - Data Sheet July 2004 OBSO LETE PROD UCT NO RE COMM ENDE D REP LACE MENT conta ct our Techn ical Su pport Cente r at 1-888- INTER SIL or www.i ntersi l.com/ tsc |
유사한 부품 번호 - HFA1205_04 |
|
유사한 설명 - HFA1205_04 |