전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM49PDL127AH 데이터시트(PDF) 3 Page - SPANSION

부품명 AM49PDL127AH
상세설명  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM49PDL127AH 데이터시트(HTML) 3 Page - SPANSION

  AM49PDL127AH Datasheet HTML 1Page - SPANSION AM49PDL127AH Datasheet HTML 2Page - SPANSION AM49PDL127AH Datasheet HTML 3Page - SPANSION AM49PDL127AH Datasheet HTML 4Page - SPANSION AM49PDL127AH Datasheet HTML 5Page - SPANSION AM49PDL127AH Datasheet HTML 6Page - SPANSION AM49PDL127AH Datasheet HTML 7Page - SPANSION AM49PDL127AH Datasheet HTML 8Page - SPANSION AM49PDL127AH Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
ADVANCE INFORMATION
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication Number: 30535
Rev: A Amendment: +1
Issue Date: December 18, 2003
Am49PDL127AH/Am49PDL129AH
Stacked Multi-Chip Package (MCP) Flash Memory and pSRAM
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and
16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
DISTINCTIVE CHARACTERISTICS
MCP Features
■ Power supply voltage of 2.7 to 3.3 volt
■ High performance
— Access time as fast as 65 ns initial / 25 ns page
■ Package
— 73-Ball FBGA
■ Operating Temperature
— –40°C to +85°C
Flash Memory Features
ARCHITECTURAL ADVANTAGES
■ 128 Mbit Page Mode device
— Page size of 8 words: Fast page read access from random
locations within the page
■ Dual Chip Enable inputs (PDL129 only)
— Two CE# inputs control selection of each half of the memory
space
■ Single power supply operation
— Full Voltage range: 2.7 to 3.3 volt read, erase, and program
operations for battery-powered applications
■ Simultaneous Read/Write Operation
— Data can be continuously read from one bank while
executing erase/program functions in another bank
— Zero latency switching from write to read operations
■ FlexBank Architecture
— 4 separate banks, with up to two simultaneous operations
per device
PDL127:
— Bank A: 16 Mbit (4 Kw x 8 and 32 Kw x 31)
— Bank B: 48 Mbit (32 Kw x 96)
— Bank C: 48 Mbit (32 Kw x 96)
— Bank D: 16 Mbit (4 Kw x 8 and 32 Kw x 31)
PDL129:
— Bank 1A: 48 Mbit (32 Kw x 96)
— Bank 1B: 16 Mbit (4 Kw x 8 and 32 Kw x 31)
— Bank 2A: 16 Mbit (4 Kw x 8 and 32 Kw x 31)
— Bank 2B: 48 Mbit (32 Kw x 96)
■ SecSiTM (Secured Silicon) Sector region
— Up to 128 words accessible through a command sequence
— Up to 64 factory-locked words
— Up to 64 customer-lockable words
■ Both top and bottom boot blocks in one device
■ Manufactured on 0.13 µm process technology
■ 20-year data retention at 125°C
■ Minimum 1 million erase cycle guarantee per sector
PERFORMANCE CHARACTERISTICS
■ High Performance
— Page access times as fast as 25 ns
— Random access times as fast as 65 ns
■ Power consumption (typical values at 10 MHz)
— 45 mA active read current
— 25 mA program/erase current
— 1 µA typical standby mode current
SOFTWARE FEATURES
■ Software command-set compatible with JEDEC 42.4
standard
— Backward compatible with Am29F and Am29LV families
■ CFI (Common Flash Interface) complaint
— Provides device-specific information to the system, allowing
host software to easily reconfigure for different Flash devices
■ Erase Suspend / Erase Resume
— Suspends an erase operation to allow read or program
operations in other sectors of same bank
■ Unlock Bypass Program command
— Reduces overall programming time when issuing multiple
program command sequences
HARDWARE FEATURES
■ Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting program or erase
cycle completion
■ Hardware reset pin (RESET#)
— Hardware method to reset the device to reading array data
■ WP#/ACC (Write Protect/Acceleration) input
—At VIL, hardware level protection for the first and last two 4K
word sectors.
—At VIH, allows removal of sector protection
—At VHH, provides accelerated programming in a factory
setting
■ Persistent Sector Protection
— A command sector protection method to lock combinations
of individual sectors and sector groups to prevent program or
erase operations within that sector
— Sectors can be locked and unlocked in-system at VCC level
■ Password Sector Protection
— A sophisticated sector protection method to lock
combinations of individual sectors and sector groups to
prevent program or erase operations within that sector using
a user-defined 64-bit password


유사한 부품 번호 - AM49PDL127AH

제조업체부품명데이터시트상세설명
logo
SPANSION
AM49PDL127BH SPANSION-AM49PDL127BH Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
AM49PDL127BH66IS SPANSION-AM49PDL127BH66IS Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
AM49PDL127BH66IT SPANSION-AM49PDL127BH66IT Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
AM49PDL127BH85IS SPANSION-AM49PDL127BH85IS Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
AM49PDL127BH85IT SPANSION-AM49PDL127BH85IT Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
More results

유사한 설명 - AM49PDL127AH

제조업체부품명데이터시트상세설명
logo
SPANSION
AM49PDL640AG SPANSION-AM49PDL640AG Datasheet
954Kb / 69P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM49DL640AH SPANSION-AM49DL640AH Datasheet
995Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM42DL640AH SPANSION-AM42DL640AH Datasheet
1,011Kb / 60P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM49PDL127BH SPANSION-AM49PDL127BH Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
logo
Advanced Micro Devices
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM42DL16X2D AMD-AM42DL16X2D Datasheet
2Mb / 128P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XD AMD-AM29DL16XD Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XC AMD-AM29DL16XC Datasheet
688Kb / 51P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM42DL6402G SPANSION-AM42DL6402G Datasheet
927Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com