전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HA-5112883 데이터시트(Datasheet) 1 Page - Intersil Corporation

부품명 HA-5112883
상세내용  Dual, Low Noise, High Performance Uncompensated Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo 

   
 1 page
background image
1
®
HA-5112/883
Dual, Low Noise, High Performance
Uncompensated Operational Amplifier
Description
Low Noise and high performance are key words describing
the dual, uncompensated HA-5112/883. This general pur-
pose amplifier offers an array of dynamic specifications
including 12V/
µs slew rate (min), and 54MHz gain-band-
width-product for AVCL ≥ 10. Complementing these outstand-
ing parameters is a very low noise specification of 6nV/
√Hz
at 1kHz (max).
Fabricated using the Intersil standard high frequency D.I.
process, these operational amplifiers also offer excellent
input specifications such as 2.5mV (max) offset voltage and
75nA (max) offset current. Complementing these specifica-
tions are 100dB (min) open loop gain and 55dB channel sep-
aration (min). The HA-5112/883 also consumes a very
modest amount of supply power (180mW/package).
This impressive combination of features make this amplifier
ideally suited for designs ranging from audio amplifiers and
active filters to the most demanding signal conditioning and
instrumentation circuits.
Part Number Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
HA2-5112/883
-55oC to +125oC8 Pin Can
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Low Input Noise Voltage Density at 1kHz. . . 6nV/
√Hz(Max)
4.3nV/
√Hz(Typ)
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . .12V/
µs (Min)
20V/
µs (Typ)
• Wide Gain Bandwidth Product (AVCL ≥ 10) . . . . 54MHz
• Low Offset Voltage Drift . . . . . . . . . . . . . . 3
µV/oC (Typ)
• High Open Loop Gain (Full Temp.). . . . . 100kV/V (Min)
250kV/V (Typ)
• High CMRR/PSRR (Full Temp.). . . . . . . . . . . 86dB (Min)
100dB
(Typ)
• Low Offset Voltage Drift . . . . . . . . . . . . . . 3
µV/oC (Typ)
• No Crossover Distortion
• Standard Dual Pinout
Applications
• High Quality Audio Preamplifiers
• High Q Active Filters
• Low Noise Function Generators
• Low Distortion Oscillators
• Low Noise Comparators
October 2004
Spec Number
511032-883
FN3711.2
Pinout
HA-5112/883
(METAL CAN)
TOP VIEW
V+
V-
2
4
6
OUT1
1
3
OUT2
7
5
8
-IN1
+IN1
+IN2
-IN2
12
++
-
-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
OBSO
LETE
PROD
UCT
NO RE
COMM
ENDE
D REP
LACE
MENT
conta
ct our
Techn
ical Su
pport
Cente
r at
1-888-
INTER
SIL or
www.i
ntersi
l.com/
tsc




Html 페이지

1  2  3  4  5 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HA-5104883Low Noise High Performance Quad Operational Amplifier 1 2 3 4 5 Intersil Corporation
TL072LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
LMV7165 MHz Low Noise RRO Dual Operational Amplifier with CMOS Input 1 2 3 4 5 MoreNational Semiconductor (TI)
MC33077_04Low Noise Dual Operational Amplifier 1 2 3 4 5 MoreON Semiconductor
LM833_05Low Noise Audio Dual Operational Amplifier 1 2 3 4 5 MoreON Semiconductor
NE5532Internally Compensated Dual Low Noise Operational Amplifier 1 2 3 4 5 MoreON Semiconductor
NE5534Single Low Noise Operational Amplifier 1 2 3 4 5 MoreON Semiconductor
AZ4580DUAL LOW NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
OPA227High Precision Low Noise OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown (TI)

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl