전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HFA1109_04 데이터시트(Datasheet) 4 Page - Intersil Corporation

부품명 HFA1109_04
상세내용  450MHz, Low Power, Current Feedback Video Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo 

 
 4 page
background image
4
TRANSIENT CHARACTERISTICS
Rise and Fall Times
VOUT = 0.5VP-P
B25
-
1.1
1.3
ns
B
Full
-
1.1
1.4
ns
Overshoot
VOUT = 0.5VP-P
B25
-
0
2
%
BFull
-
0.5
5
%
Slew Rate
AV = -1, RF = 200Ω
VOUT = 5VP-P
B
25
2300
2600
-
V/
µs
B
Full
2200
2500
-
V/
µs
AV = +1, VOUT = 4VP-P,
+RS = 550Ω (PDIP),
+RS = 700Ω (SOIC)
B
25
475
550
-
V/
µs
B
Full
430
500
-
V/
µs
AV = +2, VOUT = 5VP-P
B
25
940
1100
-
V/
µs
B
Full
800
950
-
V/
µs
Settling Time
(VOUT = +2V to 0V step, Note 4)
To 0.1%
B
25
-
19
-
ns
To 0.05%
B
25
-
23
-
ns
To 0.01%
B
25
-
36
-
ns
Overdrive Recovery Time
VIN = ±2V
B
25
-
5
-
ns
VIDEO CHARACTERISTICS
Differential Gain
(f = 3.58MHz)
RL = 150Ω
B
25
-
0.02
0.06
%
B
Full
-
0.03
0.09
%
RL = 75Ω
B
25
-
0.04
0.09
%
B
Full
-
0.05
0.12
%
Differential Phase
(f = 3.58MHz)
RL = 150Ω
B
25
-
0.02
0.06
Degrees
B
Full
-
0.02
0.06
Degrees
RL = 75Ω
B
25
-
0.05
0.09
Degrees
B
Full
-
0.06
0.13
Degrees
POWER SUPPLY CHARACTERISTICS
Power Supply Range
C
25
±4.5
-
±5.5
V
Power Supply Current (Note 4)
A
25
-
9.6
10
mA
A
Full
-
10
11
mA
NOTES:
3. Test Level: A. Production Tested; B. Typical or Guaranteed Limit Based on Characterization; C. Design Typical for Information Only.
4. See Typical Performance Curves for more information.
Electrical Specifications VSUPPLY = ±5V, AV = +2, RF = 250Ω, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HFA1109




Html 페이지

1  2  3  4  5  6  7  8  9  10  11 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HFA1245_04Dual 420MHz Low Power Video Current Feedback Operational Amplifier with Disable 1 2 3 4 5 MoreIntersil Corporation
HFA1105_06330MHz Low Power Current Feedback Video Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
HFA1145_06330MHz Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation
HFA1130_05850MHz Output Limiting Low Distortion Current Feedback Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
HFA1405_05Quad 560MHz Low Power Video Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
HFA1135_06360MHz Low Power Video Operational Amplifier with Output Limiting 1 2 3 4 5 MoreIntersil Corporation
HFA1205_04Dual 425MHz Low Power Video Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
AS321LOW POWER SINGLE OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
ICL8021High Reliability Low Power Bipolar Operational Amplifier 1 2 3 4 5 Intersil Corporation
THS73133-Channel Low Power SDTV Video Amplifier with I2C Control 6-dB Gain SAG Correction 2:1 Input MUX and Selectable Input Bias Modes 1 2 3 4 5 MoreTexas Instruments

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl