전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HS-2400RH 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 HS-2400RH
상세설명  Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-2400RH 데이터시트(HTML) 3 Page - Intersil Corporation

  HS-2400RH_00 Datasheet HTML 1Page - Intersil Corporation HS-2400RH_00 Datasheet HTML 2Page - Intersil Corporation HS-2400RH_00 Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Die Characteristics
DIE DIMENSIONS:
88 mils x 67 mils x 19 mils
±1 mils
2240
µm x 1710µm x 483µm ±25.4µm
INTERFACE MATERIALS:
Top Metallization:
Type: Al, 1% Cu
Thickness: 16k
Å
±2kÅ
Glassivation:
Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos.).
Silox Thickness: 12k
Å
±2kÅ
Nitride Thickness: 3.5k
Å
±1.5kÅ
Substrate: Potential (Powered Up)
Unbiased
ADDITIONAL INFORMATION:
Worst Case Current Density:
< 2 x 105A/cm2
Transistor Count:
251
Process:
Bipolar Dielectric Isolation
Metallization Mask Layout
HS-2400RH
+IN3
D0
D1
ENABLE
GND
COMP
V+
OUT
V-
+IN2
-IN2
+IN1
-IN1
-IN4
+IN4
-IN3
HS-2400RH


유사한 부품 번호 - HS-2400RH_00

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HS-2400RH INTERSIL-HS-2400RH Datasheet
101Kb / 5P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
More results

유사한 설명 - HS-2400RH_00

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HS-2400RH INTERSIL-HS-2400RH Datasheet
101Kb / 5P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
   Low Power, Radiation Hardened Programmable Operational Amplifier
HA-2400 INTERSIL-HA-2400 Datasheet
86Kb / 7P
   40MHz, PRAM Four Channel Programmable Amplifiers
November 1996
HA-2404 INTERSIL-HA-2404 Datasheet
304Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
logo
Renesas Technology Corp
HA-2404 RENESAS-HA-2404 Datasheet
546Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
August 2003
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
[Old version datasheet]   Radiation Hardened High-Precision Operational Amplifier
logo
Intersil Corporation
HS-2510RH INTERSIL-HS-2510RH Datasheet
86Kb / 7P
   Radiation Hardened High Slew Rate Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
logo
Renesas Technology Corp
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com