전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC1458D 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 MC1458D
상세설명  General purpose operational amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC1458D 데이터시트(HTML) 5 Page - NXP Semiconductors

  MC1458D Datasheet HTML 1Page - NXP Semiconductors MC1458D Datasheet HTML 2Page - NXP Semiconductors MC1458D Datasheet HTML 3Page - NXP Semiconductors MC1458D Datasheet HTML 4Page - NXP Semiconductors MC1458D Datasheet HTML 5Page - NXP Semiconductors MC1458D Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors Linear Products
Product specification
MC/SA1458/MC1558
General purpose operational amplifier
August 31, 1994
63
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
10–1kHz
35
30
25
20
15
10
–60
–20
20
60
100
140
TEMPERATURE — oC
VS = + 15V
TA = 25
oC
10 –13
10 –14
10 –15
10 –16
10 –17
10 –18
10
100
1K
10K
100K
FREQUENCY — Hz
VS = + 15V
TA = 25
oC
10 –21
10 –22
10 –23
10 –24
10 –25
10 –26
10
100
1K
10K
100K
FREQUENCY — Hz
100
10
1
0.1
100
1K
10K
100K
10–100kHz
10–100kHz
SOURCE RESISTANCE —
VS = + 15V
TA = 25
oC
106
105
104
103
102
10
1
1
10
100
1K
10K 100K 1M 10M
FREQUENCY — Hz
1
10
100
1K
10K 100K 1M 10M
FREQUENCY — Hz
VS = + 15V
TA = 25
oC
0
–45
–90
–135
–180
VS = + 15V
TA = 25
oC
RL = 10kΩ
40
36
32
28
24
20
16
12
8
4
0
100
1K
10K
100K
1M
FREQUENCY — Hz
VS = + 15V
TA = 25
oC
100
90
80
70
60
50
40
30
20
10
1
10
100
1K
10K 100K 1M 10M
FREQUENCY — Hz
28
24
20
16
12
8
4
0
0
0.5
1.0
1.5
2.0
2.5
TIME —
µs
VS = + 15V
TA = 25
oC
RL = 2kΩ
CL = 100pF
RISE TIME
Output Short–Circuit Current as a
Function of Ambient Temperature
Input Noise Voltage as a
Function of Frequency
Input Noise Current as a
Function of Frequency
Broadband Noise for
Various Bandwidths
Open–Looped Voltage Gain
as a Function of Frequency
Open-Looped Phase Response
as a Function of Frequency
Output Voltage Swing
as a Function of Frequency
Common–Mode Rejection Ratio
as a Function of Frequency
Transient Response


유사한 부품 번호 - MC1458D

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC1458D ONSEMI-MC1458D Datasheet
126Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
1996 REV 1
logo
STMicroelectronics
MC1458D STMICROELECTRONICS-MC1458D Datasheet
102Kb / 6P
   DUAL OPERATIONAL AMPLIFIERS
December 2001
logo
Texas Instruments
MC1458D TI-MC1458D Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458D TI-MC1458D Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458D TI1-MC1458D Datasheet
777Kb / 18P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

유사한 설명 - MC1458D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com