전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA1458N 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 SA1458N
상세설명  General purpose operational amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1458N 데이터시트(HTML) 4 Page - NXP Semiconductors

  SA1458N Datasheet HTML 1Page - NXP Semiconductors SA1458N Datasheet HTML 2Page - NXP Semiconductors SA1458N Datasheet HTML 3Page - NXP Semiconductors SA1458N Datasheet HTML 4Page - NXP Semiconductors SA1458N Datasheet HTML 5Page - NXP Semiconductors SA1458N Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors Linear Products
Product specification
MC/SA1458/MC1558
General purpose operational amplifier
August 31, 1994
62
TYPICAL PERFORMANCE CHARACTERISTICS
VS = +15V
–55oC < TA < + 125
OC
RL > 2kΩ
40
36
32
28
24
20
16
12
8
4
0
5
10
15
20
SUPPLY VOLTAGE — +V
Output Voltage Swing as a
Function of Supply Voltage
–55oC < TA < + 125
OC
16
14
12
10
8
6
4
2
0
5
10
15
20
SUPPLY VOLTAGE — +V
Input Common–Mode Range
as a Function of Supply Voltage
TA = 25
oC
100
80
60
40
20
0
5
10
15
20
SUPPLY VOLTAGE — +V
500
400
300
200
100
0
–60
–20
20
60
100
140
TEMPERATURE — oC
VS = +15V
10.0
5.0
3.0
1.0
0.5
0.3
0.1
–60
–20
20
60
100
140
TEMPERATURE — oC
TA = 25oC
40
30
20
10
0
5
10
15
20
SUPPLY VOLTAGE — +V
Input Bias Current as a
Function Of Ambient Temperature
Input Resistance as a
Function of Ambient Temperature
Power Consumption as a
Function of Supply Voltage
Input Offset Current as a
Function of Supply Voltage
VS = +15V
140
120
100
80
60
40
20
0
–60
–20
20
60
100
140
TEMPERATURE — oC
TEMPERATURE — oC
70
60
50
40
30
–60
–20
20
60
100
140
Input Offset Current as a
Function of Ambient Temperature
Power Consumption as a
Function of Ambient Temperature
28
26
24
22
20
18
16
14
12
10
8
0.1
0.2
0.5
10
2.0
5.0 1.0
LOAD RESISTANCE — k
VS = + 15V
TA = 25
oC
Output Voltage Swing as a
Function of Load Resistance


유사한 부품 번호 - SA1458N

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SA14 PANJIT-SA14 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Microdiode Electronics ...
SA14 CHENDA-SA14 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA14 FCI-SA14 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA14 TSC-SA14 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA14 WTE-SA14 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

유사한 설명 - SA1458N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com