전자부품 데이터시트 검색엔진 |
|
6N138SDV 데이터시트(PDF) 4 Page - Fairchild Semiconductor |
|
6N138SDV 데이터시트(HTML) 4 Page - Fairchild Semiconductor |
4 / 15 page ©2005 Fairchild Semiconductor Corporation www.fairchildsemi.com 6N138, 5N139, NCPL2730, HCPL2731 Rev. 1.0.3 4 Switching Characteristics (T A = 0 to 70°C unless otherwise specified., VCC = 5V) ** All Typicals at TA = 25°C Symbol Parameter Test Conditions Device Min. Typ.* Max. Unit TPHL Propagation delay time to logic LOW (Note 2) (Fig. 24) (RL = 4.7Ω, IF = 0.5mA) 6N139 30 µs TA = 25°C 4 25 (RL = 4.7Ω, IF = 0.5mA) HCPL2731 120 Each Channel TA = 25°C 3 100 (RL = 270Ω, IF = 12mA) 6N139 2 TA = 25°C 0.2 1 (RL = 270Ω, IF = 12mA) HCPL2730 3 Each Channel TA = 25°C HCPL2731 0.3 2 (RL = 2.2Ω, IF = 1.6mA) 6N138 15 TA = 25°C 1.5 10 (RL = 2.2Ω, IF = 1.6mA) HCPL2731 HCPL2730 25 Each Channel TA = 25°C 1 20 TPLH Propagation delay time to logic HIGH (Note 2) (Fig. 24) (RL = 4.7Ω, IF = 0.5mA) 6N139 90 µs Each Channel HCPL2731 (RL = 4.7Ω, IF = 0.5mA) TA = 25°C 6N139 12 60 Each Channel HCPL2731 22 (RL = 270Ω, IF = 12mA) 6N139 10 TA = 25°C 1.3 7 (RL = 270Ω, IF = 12mA) Each Channel HCPL2730 HCPL2731 15 TA = 25°C 5 10 (RL = 2.2Ω, IF = 1.6mA) 6N138 50 Each Channel HCPL2730/1 (RL = 2.2Ω, IF = 1.6mA) TA = 25°C 6N138 7 35 Each Channel HCPL2730/1 16 |CMH| Common mode transient immunity at logic HIGH (Note 3) (Fig. 25) (IF = 0mA, |VCM| = 10VP-P) TA = 25°C, (RL = 2.2Ω) 6N138 6N139 1,000 10,000 V/µs Each Channel HCPL2730 HCPL2731 |CML| Common mode transient immunity at logic LOW (Note 3) (Fig. 25) (IF = 1.6mA, |VCM| = 10VP-P, RL = 2.2Ω) TA = 25°C 6N138 6N139 1,000 10,000 V/µs Each Channel HCPL2730 HCPL2731 |
유사한 부품 번호 - 6N138SDV |
|
유사한 설명 - 6N138SDV |