전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT2244 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74ABT2244
상세설명  Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT2244 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74ABT2244_07 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT2244_07 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT2244_07 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT2244_07 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT2244_07 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT2244_07 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT2244_07 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT2244_07 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT2244_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
tm
March 2007
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT2244 Rev. 1.4
74ABT2244
Octal Buffer/Line Driver with 25
Ω Series Resistors
in the Outputs
Features
Guaranteed latchup protection
High-impedance, glitch-free bus loading during entire
power up and power down cycle
Nondestructive, hot-insertion capability
General Description
The ABT2244 is an octal buffer and line driver designed
to drive the capacitive inputs of MOS memory drivers,
address drivers, clock drivers, and bus-oriented trans-
mitters/receivers.
The 25
Ω series resistors in the outputs reduce ringing
and eliminate the need for external resistors.
Ordering Information
Devices are also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering number.
Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Pin Descriptions
Schematic of Each Output
Truth Table
H
= HIGH Voltage Level X = Immaterial
L
= LOW Voltage Level
Z
= High Impedance
Order Number
Package
Number
Package Description
74ABT2244CSC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ABT2244CSJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ABT2244CMSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74ABT2244CMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
Pin Names
Description
OE1, OE2
Output Enable Input (Active LOW)
I0–I7
Inputs
O0–O7
Outputs
OE1
I0–3
O0–3
OE2
I4–7
O4–7
HX
Z
H
X
Z
LH
HLH
H
LLLLLL


유사한 부품 번호 - 74ABT2244_07

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ABT2244CMSA FAIRCHILD-74ABT2244CMSA Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244CMTC FAIRCHILD-74ABT2244CMTC Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244CPC FAIRCHILD-74ABT2244CPC Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244CSC FAIRCHILD-74ABT2244CSC Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244CSJ FAIRCHILD-74ABT2244CSJ Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
More results

유사한 설명 - 74ABT2244_07

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVT2240 FAIRCHILD-74LVT2240_05 Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
74ABT2240 FAIRCHILD-74ABT2240 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2541 FAIRCHILD-74ABT2541 Datasheet
100Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74F2240 FAIRCHILD-74F2240 Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
74FR2244 FAIRCHILD-74FR2244 Datasheet
52Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240 FAIRCHILD-74FR2240 Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
logo
National Semiconductor ...
54F2244DM NSC-54F2244DM Datasheet
147Kb / 8P
   Octal Buffer/Line Driver with 25X Series Resistors in Outputs
logo
Fairchild Semiconductor
74LVT162244 FAIRCHILD-74LVT162244 Datasheet
51Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74F2244 FAIRCHILD-74F2244 Datasheet
52Kb / 6P
   Octal Buffer/Line Driver with 25廓 Series Resistors in Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com