전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT573CSCX_NL 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74ABT573CSCX_NL
상세설명  Octal D-Type Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT573CSCX_NL 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74ABT573CSCX_NL Datasheet HTML 1Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 2Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 3Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 4Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 5Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 6Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 7Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 8Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
tm
March 2007
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT573 Rev. 1.4
74ABT573
Octal D-Type Latch with 3-STATE Outputs
Features
Inputs and outputs on opposite sides of package allow
easy interface with microprocessors
Useful as input or output port for microprocessors
Functionally identical to ABT373
3-STATE outputs for bus interfacing
Output sink capability of 64mA, source capability of
32mA
Guaranteed output skew
Guaranteed multiple output switching specifications
Output switching specified for both 50pF and 250pF
loads
Guaranteed simultaneous switching, noise level and
dynamic threshold performance
Guaranteed latchup protection
High-impedance, glitch-free bus loading during entire
power up and power down
Nondestructive, hot insertion capability
General Description
The ABT573 is an octal latch with buffered common
Latch Enable (LE) and buffered common Output Enable
(OE) inputs.
This device is functionally identical to the ABT373 but
has broadside pinouts.
Ordering Information
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering number.
Pb-Free package per JEDEC J-STD-020B.
Note:
1. Device available in Tape and Reel only.
Order Number
Package
Number
Package Description
74ABT573CSC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013,
0.300" Wide
74ABT573CSCX_NL(1)
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013,
0.300" Wide
74ABT573CSJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ABT573CMSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150,
5.3mm Wide
74ABT573CMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74ABT573CMTCX_NL(1)
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide


유사한 부품 번호 - 74ABT573CSCX_NL

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ABT573CSCX_NL FAIRCHILD-74ABT573CSCX_NL Datasheet
131Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
More results

유사한 설명 - 74ABT573CSCX_NL

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13