전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC573 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 74AC573
상세설명  Octal Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC573 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button 74AC573_07 Datasheet HTML 2Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 3Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 4Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 5Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 6Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 7Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 8Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 9Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC573, 74ACT573 Rev. 1.5
6
DC Electrical Characteristics for ACT
Notes:
5. All outputs loaded; thresholds on input associated with output under test.
6. Maximum test duration 2.0ms, one output loaded at a time.
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C
TA = –40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
4.5
VOUT = 0.1V or
VCC – 0.1V
1.5
2.0
2.0
V
5.5
1.5
2.0
2.0
VIL
Maximum LOW
Level Input Voltage
4.5
VOUT = 0.1V or
VCC – 0.1V
1.5
0.8
0.8
V
5.5
1.5
0.8
VOH
Minimum HIGH Level
Output Voltage
4.5
IOUT = –50 µA
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
VIN = VIL or VIH:
4.5
IOH = –24mA
3.86
3.76
5.5
IOH = –24mA
(5)
4.86
4.76
VOL
Maximum LOW
Level Output Voltage
4.5
IOUT = 50 µA
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
VIN = VIL or VIH:
4.5
IOL = 24mA
0.36
0.44
5.5
IOL = 24mA
(5)
0.36
0.44
IIN
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
IOZ
Maximum 3-STATE
Leakage Current
5.5
VI = VIL, VIH;
VO = VCC, GND
±0.25
±2.5
µA
ICCT
Maximum ICC/Input
5.5
VI = VCC – 2.1V
0.6
1.5
mA
IOLD
Minimum Dynamic
Output Current(6)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
5.5
VOHD = 3.85V Min.
–75
mA
ICC
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
40.0
µA


유사한 부품 번호 - 74AC573_07

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74AC573B STMICROELECTRONICS-74AC573B Datasheet
248Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74AC573M STMICROELECTRONICS-74AC573M Datasheet
248Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74AC573MTC FAIRCHILD-74AC573MTC Datasheet
88Kb / 10P
   Octal Latch with 3-STATE Outputs
logo
STMicroelectronics
74AC573MTR STMICROELECTRONICS-74AC573MTR Datasheet
248Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74AC573PC FAIRCHILD-74AC573PC Datasheet
88Kb / 10P
   Octal Latch with 3-STATE Outputs
More results

유사한 설명 - 74AC573_07

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACT563 FAIRCHILD-74ACT563 Datasheet
45Kb / 5P
   Octal Latch with 3-STATE Outputs
74AC573 FAIRCHILD-74AC573 Datasheet
88Kb / 10P
   Octal Latch with 3-STATE Outputs
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373 Datasheet
133Kb / 11P
   Octal Transparent Latch with 3-STATE Outputs
74F373 FAIRCHILD-74F373 Datasheet
79Kb / 8P
   Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com