전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC646 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 74AC646
상세설명  Octal Transceiver/Register with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC646 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  74AC646 Datasheet HTML 1Page - Fairchild Semiconductor 74AC646 Datasheet HTML 2Page - Fairchild Semiconductor 74AC646 Datasheet HTML 3Page - Fairchild Semiconductor 74AC646 Datasheet HTML 4Page - Fairchild Semiconductor 74AC646 Datasheet HTML 5Page - Fairchild Semiconductor 74AC646 Datasheet HTML 6Page - Fairchild Semiconductor 74AC646 Datasheet HTML 7Page - Fairchild Semiconductor 74AC646 Datasheet HTML 8Page - Fairchild Semiconductor 74AC646 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics for AC
Note 8: Voltage Range 3.3 is 3.3V
± 0.3V
Voltage Range 5.0 is 5.0V
± 0.5V
AC Operating Requirements for AC
Note 9: Voltage Range 3.3 is 3.3V
± 0.3V
Voltage Range 5.0 is 5.0V
± 0.5V
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
4.0
10.5
16.5
3.0
18.5
ns
Clock to Bus
5.0
2.5
7.5
12.0
2.0
13.0
tPHL
Propagation Delay
3.3
3.0
9.5
14.5
2.5
16.0
ns
Clock to Bus
5.0
2.0
6.5
10.5
1.5
11.5
tPLH
Propagation Delay
3.3
2.5
7.5
12.0
2.0
13.5
ns
Bus to Bus
5.0
1.5
5.0
8.0
1.0
9.0
tPHL
Propagation Delay
3.3
1.5
7.5
12.5
1.5
13.5
ns
Bus to Bus
5.0
1.5
5.0
9.0
1.0
9.5
tPLH
Propagation Delay
3.3
2.0
8.5
13.5
1.5
15.5
SBA or SAB to An or Bn
5.0
1.5
6.0
10.0
1.5
11.0
ns
(w/ An or Bn HIGH or LOW)
tPHL
Propagation Delay
3.3
1.5
8.5
13.5
1.5
15.0
SBA or SAB to An or Bn
5.0
1.5
6.0
10.0
1.5
11.0
ns
(w/ An or Bn HIGH or LOW)
tPZH
Enable Time
3.3
2.5
7.0
11.5
2.0
12.5
ns
G to An or Bn
5.0
1.5
5.0
8.5
1.5
9.0
tPZL
Enable Time
3.3
2.5
7.5
12.5
2.0
14.0
ns
G to An or Bn
5.0
1.5
5.5
9.0
1.5
10.0
tPHZ
Disable Time
3.3
3.0
8.0
12.5
2.5
13.5
ns
G to An or Bn
5.0
2.0
6.5
10.0
2.0
11.0
tPLZ
Disable Time
3.3
2.0
7.5
12.0
2.0
13.5
ns
G to An or Bn
5.0
1.5
6.0
9.5
1.5
10.5
tPZH
Enable Time
3.3
2.0
6.5
11.0
1.5
12.0
ns
DIR to An or Bn
5.0
1.5
5.0
7.5
1.0
8.5
tPZL
Enable Time
3.3
2.5
7.0
11.5
2.0
13.0
ns
DIR to An or Bn
5.0
1.5
5.0
8.0
1.0
9.0
tPHZ
Disable Time
3.3
2.5
7.5
11.5
1.5
12.5
ns
DIR to An or Bn
5.0
1.5
5.5
9.5
1.5
10.0
tPLZ
Disable Time
3.3
1.5
7.5
12.0
1.5
13.5
ns
DIR to An or Bn
5.0
1.5
5.5
9.5
1.5
10.5
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 9)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
3.3
2.0
5.0
5.5
ns
Bus to Clock
5.0
1.5
4.0
4.5
tH
Hold Time, HIGH or LOW
3.3
−1.5
0
0
ns
Bus to Clock
5.0
−0.5
0.5
1.0
tW
Clock Pulse Width
3.3
2.0
3.5
4.5
ns
HIGH or LOW
5.0
2.0
3.5
3.5


유사한 부품 번호 - 74AC646

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
More results

유사한 설명 - 74AC646

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com