전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F251A 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74F251A
상세설명  8-Input Multiplexer with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F251A 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74F251A Datasheet HTML 1Page - Fairchild Semiconductor 74F251A Datasheet HTML 2Page - Fairchild Semiconductor 74F251A Datasheet HTML 3Page - Fairchild Semiconductor 74F251A Datasheet HTML 4Page - Fairchild Semiconductor 74F251A Datasheet HTML 5Page - Fairchild Semiconductor 74F251A Datasheet HTML 6Page - Fairchild Semiconductor 74F251A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
VMin
IOH = −1 mA
Voltage
10% VCC
2.4
IOH = −3 mA
5% VCC
2.7
IOH = −1 mA
5% VCC
2.7
IOH = −3 mA
VOL
Output LOW Voltage
10% VCC
0.5
V
Min
IOL = 24 mA
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V
IOZH
Output Leakage Current
50
µAMax
VOUT = 2.7V
IOZL
Output Leakage Current
−50
µAMax
VOUT = 0.5V
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
IZZ
Bus Drainage Test
500
µA0.0V
VOUT = 5.25V
ICCL
Power Supply Current
15
22
mA
Max
VO = LOW
ICCZ
Power Supply Current
16
24
mA
Max
VO = HIGH Z


유사한 부품 번호 - 74F251A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F251A PHILIPS-74F251A Datasheet
46Kb / 5P
   8-input multiplexer 3-State
1996 Jan 05
logo
Fairchild Semiconductor
74F251A FAIRCHILD-74F251A Datasheet
58Kb / 6P
   8-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
74F251A TI1-74F251A Datasheet
415Kb / 10P
[Old version datasheet]   54F251A 74F251A 8-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
74F251APC NSC-74F251APC Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F251APC FAIRCHILD-74F251APC Datasheet
58Kb / 6P
   8-Input Multiplexer with 3-STATE Outputs
More results

유사한 설명 - 74F251A

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F251A FAIRCHILD-74F251A Datasheet
58Kb / 6P
   8-Input Multiplexer with 3-STATE Outputs
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
Integral Corp.
IN74ACT251 INTEGRAL-IN74ACT251 Datasheet
192Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC54-74HC251 MOTOROLA-MC54-74HC251 Datasheet
213Kb / 7P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
System Logic Semiconduc...
SL74HC251 SLS-SL74HC251 Datasheet
52Kb / 5P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74HC251A INTEGRAL-IN74HC251A Datasheet
148Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com