전자부품 데이터시트 검색엔진 |
|
74F1071SC 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
74F1071SC 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page © 2005 Fairchild Semiconductor Corporation DS011685 www.fairchildsemi.com October 1994 Revised March 2005 74F1071 18-Bit Undershoot/Overshoot Clamp and ESD Protection Device General Description The 74F1071 is an 18-bit undershoot/overshoot clamp which is designed to limit bus voltages and also to protect more sensitive devices from electrical overstress due to electrostatic discharge (ESD). The inputs of the device aggressively clamp voltage excursions nominally at 0.5V below and 7V above ground. Features s 18-bit array structure in 20-pin package s FAST £ Bipolar voltage clamping action s Dual center pin grounds for min inductance s Robust design for ESD protection s Low input capacitance s Optimum voltage clamping for 5V CMOS/TTL applications Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only. Connection Diagram Note: Simplified Component Representation FAST £ is a registered trademark of Fairchild Semiconductor Corporation. Order Number Package Package Description Number 74F1071SC M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 74F1071SCX_NL (Note 1) M20B Pb-Free 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 74F1071MSA MSA20 20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide 74F1071MSAX_NL (Note 1) MSA20 Pb-Free 20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide 74F1071MTC MTC20 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 74F1071MTCX_NL (Note 1) MTC20 Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide |
유사한 부품 번호 - 74F1071SC |
|
유사한 설명 - 74F1071SC |