전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM50DL128BH56IT 데이터시트(PDF) 7 Page - SPANSION

부품명 AM50DL128BH56IT
상세설명  Two Am29DL640G 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM50DL128BH56IT 데이터시트(HTML) 7 Page - SPANSION

Back Button AM50DL128BH56IT Datasheet HTML 3Page - SPANSION AM50DL128BH56IT Datasheet HTML 4Page - SPANSION AM50DL128BH56IT Datasheet HTML 5Page - SPANSION AM50DL128BH56IT Datasheet HTML 6Page - SPANSION AM50DL128BH56IT Datasheet HTML 7Page - SPANSION AM50DL128BH56IT Datasheet HTML 8Page - SPANSION AM50DL128BH56IT Datasheet HTML 9Page - SPANSION AM50DL128BH56IT Datasheet HTML 10Page - SPANSION AM50DL128BH56IT Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
February 6, 2004
Am50DL128BH
5
ADV ANCE
I N FO RMAT I O N
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
Am50DL128BH
Speed
Options
Standard Voltage
Range: VCC =
2.7–3.3 V
Flash Memory
Pseudo SRAM
56
70
85
56, 70
85
Max Access Time, ns
55
70
85
70
85
Page Access Time (pSRAM), ns
N/A
N/A
N/A
30
35
CE#f Access, ns
55
70
85
70
85
OE# Access, ns
25
30
40
25
30
VSS/VSSQ
VCCs/VSSQ
RESET#
WE#
OE#
CE1#s
LB#s
UB#s
CE#f1
WP#/ACC
CE2s
32 MBit
Pseudo
SRAM
64 MBit
Flash Memory
#2
DQ15/A-1 to DQ0
DQ15/A-1 to DQ0
RY/BY
VSS
VCCf
64 MBit
Flash Memory
#1
A20 to A0
A21 to A0
A21 to A0
CE#f2
DQ15/A-1 to DQ0
VSS
VCCf
RY/BY#
A-1
CIOf
A21 to A0
DQ15/A-1 to D


유사한 부품 번호 - AM50DL128BH56IT

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM50DL128BH56IT AMD-AM50DL128BH56IT Datasheet
959Kb / 68P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results

유사한 설명 - AM50DL128BH56IT

제조업체부품명데이터시트상세설명
logo
SPANSION
AM50DL128CH SPANSION-AM50DL128CH_04 Datasheet
922Kb / 66P
   Two Am29DL640G 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM50DL9608G SPANSION-AM50DL9608G Datasheet
972Kb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
AM75DL9608HG SPANSION-AM75DL9608HG Datasheet
1Mb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and
logo
Advanced Micro Devices
AM29DL640G AMD-AM29DL640G Datasheet
1Mb / 52P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640H SPANSION-AM29DL640H_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
S29JL064H SPANSION-S29JL064H Datasheet
1Mb / 64P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL640H AMD-AM29DL640H Datasheet
880Kb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29DL640D AMD-AM29DL640D_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640G SPANSION-AM29DL640G_05 Datasheet
1Mb / 56P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com